Electronic Components Datasheet Search
  English  ▼

X  

MO63MN Datasheet(PDF) 1 Page - API Technologies Corp

Part # MO63MN
Description  Double Balanced Mixer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MO63MN Datasheet(HTML) 1 Page - API Technologies Corp

  MO63MN Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixer
Octave Band
Model MO6xxN
RF 6.0 to 12.5 GHz
LO (GHz)
5.0-15.0
5.0-15.0
5.0-15.0
5.0-15.0
5.0-15.0
5.0-15.0
5.0-15.0
RF (GHz)
6.0-12.5
6.0-12.5
6.0-12.5
6.0-12.5
6.0-12.5
6.0-12.5
IF (MHz)
DC-1000
DC-2500
DC-2500
DC-2500
DC-2500
Min
25 dB
25 dB
Typical
4.5 dB
5.5 dB
37 dB
41 dB
22 dB
+1 dBm
+4 dBm
+8 dBm
+12 dBm
+11 dBm
+14 dBm
+18 dBm
+22 dBm
+7 dBm
+10 dBm
+14 dBm
+19 dBm
Max
6.5 dB
7.5 dB
MO63
MO64
MO66
MO67
MO63
MO64
MO66
MO67
MO63
MO64
MO66
MO67
Conditions
Electrical Specifications (1)
:
Parameter
SSB Conversion
loss:(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
Input 1-dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:(4)
Drop-In Module or
With SMA(F)
Connectors
M = Module
P = With Connectors
LO Power
3 = +7 dBm
4 = +10 dBm
6 = +14 dBm
7 = +19 dBm
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system from -55˚C to +100˚C
with the nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
Typical
Performance
at 25˚C
All dimensions are in inches and [mm].
Outline: N
MO6xxN
Model MO6xxN
Specifications
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
REV A
12/23/09


Similar Part No. - MO63MN

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MO63MG APITECH-MO63MG Datasheet
531Kb / 1P
Double Balanced Mixer
More results

Similar Description - MO63MN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com