Electronic Components Datasheet Search
  English  ▼

X  

MN95016 Datasheet(PDF) 2 Page - API Technologies Corp

Part # MN95016
Description  1090 MHz SAW Filter 12 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN95016 Datasheet(HTML) 2 Page - API Technologies Corp

  MN95016 Datasheet HTML 1Page - API Technologies Corp MN95016 Datasheet HTML 2Page - API Technologies Corp MN95016 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1090 MHz SAW Filter
12 MHz Bandwidth
Part Number: MN95016
IDT
•••• SAW Products •••• 324 Clark Street, Worcester, MA 01606, USA •••• Ph 1-508-852-5400 •••• Fax 1-508-852-8456
www.idt.com
DSMN95016 Rev -
11-Sep-2009
ECN 36541 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
1090
-
MHz
Insertion Loss at Fc
-
2.7
3
dB
1dB Bandwidth
-
12
-
MHz
Lower 3 dB Band Edge
2
-
1079
1082.5
MHz
Upper 3 dB Band Edge
2
1097.5
1099
-
MHz
Group Delay Variation (Fc +/- 4 MHz)
-
16
25
ns p-p
Amplitude Variation (Fc +/- 4 MHz) at 25˚C
0.7
1
dB p-p
Relative Attenuation (10 to 1060 MHz)
2
40
43
-
dB
Relative Attenuation (1060 to 1070 MHz)
2
32.5
34
-
dB
Relative Attenuation (1110 to 1120 MHz)
2
32.5
40
-
dB
Relative Attenuation (1120 to 1500 MHz)
2
40
45
-
dB
Relative Attenuation (1500 to 2300 MHz)
2
20
35
-
dB
Relative Attenuation (2300 to 3000 MHz)
2
5
30
-
dB
Input/Output VSWR
-
1.3
1.5
:1
Temperature Coefficient of Frequency
-
-32
-
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature
-
25
-
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies at room ambient.
2. All dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-50
125
˚C
Operating Temperature Range
-40
85
˚C
Input Power Level:
CW in-band
Pulse (10 us width at 1% duty cycle) @ Fc
Pulse out-of-band (10 us width at 1% duty cycle) (Fc+/-30 MHz)
Pulse out-of-band (10 us width at 1% duty cycle) (Fc+/-32 MHz)
+20
+30
+36
+31
-
-
-
-
dBm
dBm
dBm
dBm
MATCHING CIRCUIT
Notes:
1. Matching components are not required.
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND
2
5
1,3,4,6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com