Electronic Components Datasheet Search
  English  ▼

X  

305WF Datasheet(PDF) 1 Page - API Technologies Corp

Part # 305WF
Description  Coaxial In-line, TNC or TYPE-N Male and Female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

305WF Datasheet(HTML) 1 Page - API Technologies Corp

  305WF Datasheet HTML 1Page - API Technologies Corp 305WF Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
ROTARY JOINTS
SPECIFICATION
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
305WF
SPECIFICATIONS
Frequency
Range
f (GHz)
VSWR
max
@ f (GHz)
Insertion
Loss, max
(dB) @
f (GHz)
Peak
Power
(kW)
Average
Power
Watts @
f (GHz)
Starting
Torque
Max
(oz-in)
Continuous
Rotational
Speed
(rpm)
Nominal
Weight
(ounces)
Model
Number
DC – 12.4
1.30:1 6–10
0.1 + 0.015f
10
100 @ 1
8
500
9
305WF
•
Type N connectors
•
Flanged styles for gimbal.
•
WOW (max VSWR/min VSWR)/360 o 1.01
•
Max DC current 10 A
VSWR and insertion loss graphs applicableonly for models with Type N connectors.
FEATURES
• Coaxial In-line, TNC or TYPE-N Male and Female
• Designed for High Speed Operation
• Designed to MIL-E-5400 Class II
• Long Life
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Frequency (GHz)
SPEC LIMIT
TYPICAL PERFORMANCE
0.0
0.1
0.2
0.3
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Frequency (GHz)
SPEC LIMIT
TYPICAL PERFORMANCE


Similar Part No. - 305WF

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
305WF FILTRONIC-305WF Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
API Technologies Corp
305WF APITECH-305WF Datasheet
183Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
More results

Similar Description - 305WF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78800 AMPHENOL-78800 Datasheet
79Kb / 1P
ADAPTER N MALE TO TNC FEMALE
logo
Pasternack Enterprises,...
PE9089 PASTERNACK-PE9089 Datasheet
253Kb / 3P
N Female to TNC Male Adapter
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
logo
Huber+Suhner, Inc.
33_N-TNC-50-1133_N HUBERSUHNER-33_N-TNC-50-1133_N Datasheet
530Kb / 2P
COAXIAL ADAPTER, N - TNC, 50 Ohm, plug / jack (male / female)
33_N-TNC-50-511--_U HUBERSUHNER-33_N-TNC-50-511--_U Datasheet
1Mb / 2P
COAXIAL ADAPTER, N-precision - TNC, 50 Ohm, plug / jack (male / female)
33_TNC-50-0-1133_N HUBERSUHNER-33_TNC-50-0-1133_N Datasheet
426Kb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, plug / jack (male / female)
33_TNC-N-50-1133_U HUBERSUHNER-33_TNC-N-50-1133_U Datasheet
527Kb / 2P
COAXIAL ADAPTER, TNC - N, 50 Ohm, plug / jack (male / female)
33_TNC-N-50-51---_U HUBERSUHNER-33_TNC-N-50-51---_U Datasheet
509Kb / 2P
COAXIAL ADAPTER, TNC-precision - N, 50 Ohm, plug / jack (male / female)
33_TNC-N-Q50-4133_N HUBERSUHNER-33_TNC-N-Q50-4133_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, TNC Quick-mate - N, 50 Ohm, plug / jack (male / female)
33_UHF-TNC-0-1032 HUBERSUHNER-33_UHF-TNC-0-1032 Datasheet
493Kb / 2P
COAXIAL ADAPTER, UHF - TNC, X Ohm, plug / jack (male / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com