Electronic Components Datasheet Search
  English  ▼

X  

312 Datasheet(PDF) 4 Page - API Technologies Corp

Part # 312
Description  Pre-Filtered GPS LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

312 Datasheet(HTML) 4 Page - API Technologies Corp

  312 Datasheet HTML 1Page - API Technologies Corp 312 Datasheet HTML 2Page - API Technologies Corp 312 Datasheet HTML 3Page - API Technologies Corp 312 Datasheet HTML 4Page - API Technologies Corp 312 Datasheet HTML 5Page - API Technologies Corp 312 Datasheet HTML 6Page - API Technologies Corp 312 Datasheet HTML 7Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Spectrum Microwave, a division of API Technologies, Corp
38166 Old Stage Road Delmar, DE 19940
Phone 302.462.3500 Fax 302.846.3888
www.spectrummicrowave.com
Last Revision: 11/20/2012
312 Series
Pre-Filtered GPS LNA
Ordering Information
Outline Information
Outline
Bias Configuration
Input / Output
Connectors
Notes
Outline 1
0,1,2,3
2
All bias configurations except 4 with SMA Female RF connector types
Outline 2
0,1,2,3
0,1,3
All bias configurations except 4 with TNC Type N, or SMA Male RF
connector types
Outline 3
4
All
Bias configuration 4 with all RF connector types
Specifications are subject to change without notice
Absolute Maximum Ratings
Supply Voltage
+5-36 VDC
+3.3 VDC
+4.8 to +40 Vdc
+6 Vdc
ELECTROSTATIC SENSITIVE
DEVICE. OBSERVE PROPER
HANDLING PRECAUTIONS
RF Input Power
+5 dBm
Storage Temperature
-55 to +125 °C
Operating Temperature
-45 to +85 °C
ESD Sensitivity
Class 1B
Band
Gain
Outputs
Bias Configuration
Input
Connector
Output
Connector
Finish
0
L1
0
16 dB
0
Single
0
Ext, +5-36VDC
0
N-fem
0
N-fem
3
1
Nickel
Plate
1
L1/L2
1
19 dB
1
Dual
1
Coax, +5-36 VDC
1
TNC-fem
1
TNC-fem
2
L5
2
22 dB
2
Ext, +3.3 VDC
2
SMA-fem
2
SMA-fem
2
Epoxy
Paint
3
L1/L5
3
25 dB
3
Coax, +3.3 VDC
3
SMA-male
3
SMA-male
4
28 dB
4
D38999/20WA98PN,
+5-36 VDC
5
31 dB
6
34 dB
7
37 dB
8
40 dB
3. dual output configuration is not available with Type-N RF connectors in standard package
X
-
312
X
X
X
X
X
-
0
0
X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com