Electronic Components Datasheet Search
  English  ▼

X  

32SMOB Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 32SMOB
Description  OSCILLATOR SPECIFICATIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

32SMOB Datasheet(HTML) 1 Page - Wolfgang Knap

  32SMOB Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DATE
1.
Part No. :
32SMO
2.
Output frequency range :
0.75000 MHz to 50.0000 MHz
3.
Frequency stability :
32SMO(A): ±100 ppm over -20°C to +70°C
32SMO(B): ±50 ppm over -20°C to +70°C
32SMO(C): ±30 ppm over -20°C to +70°C
32SMO(D): ±25 ppm over -10°C to +70°C
32SMO(E): ±20 ppm over 0°C to +70°C
4.
Operating Conditions
Operating temperature :
-20°C to +70°C (Standard)
-40°C to +85°C (W)
Storage temperature :
-55°C to +100°C
Input voltage (VDD) :
+0.8V to +2.0V
5.
Input current :
5.0 mA max.
6.
Stand-by current :
100 μA max. (Pin#1=ViL)
7.
Output (-20°C to +70°C)
Symmetry :
45% to 55% at 1/2 VDD level
Rise and fall times :
4.0 ns max. (20%VDD to 80%VDD level)
"0" level :
VoL: +0.2Vmax (VDD=+0.8V)/+0.3Vmax(VDD=+1.1V)/+0.4Vmax(VDD=+1.4V)
"1" level :
VoH: +0.2Vmin (VDD=+0.8V)/+0.8Vmin(VDD=+1.1V)/+1.0Vmin(VDD=+1.4V)
Output load :
CMOS 15pF max.
8.
Tri-state control voltage :
70%VDD min. (ViH)
30%VDD max. (ViL)
9.
Start-up time :
10 ms max.
10.
Aging :
±5 ppm max. at +25°C ±3K for first year
11.
Enable/Disable phase delay time :
100 ns max.
12.
Reflow soldering condition :
+250°C ±10K for 10 seconds (reflow soldering)
+170°C ±10K for 1 to 2 minutes (preheating)
13.
Outline dimensions :
See below
mm
ITEM.
No.
LOW VOLTAGE OPERATION CRYSTAL CLOCK
OSCILLATORS(VDD=+0.8V to +2.0V)
SO-9980A
Apr. 7, 2009
OSCILLATOR SPECIFICATIONS
ISSUED
CHECKED
APPROVAL
RoHS compliant (Pb-free)
32SMO
3.2±0.2
0.1
0.9
1.2
0.9
#1
#2
#4
#3
#4
#3
#1
#2
Package
32SMO(1.0)
Height(H)
0.9±0.1mm
32SMO(1.2) 1.1±0.1mm
PIN
1
CONNECTION
"L"
2
GND
3Z
OPEN or "H"
OUTPUT
Z : high impedance
4VDD
SM I
'
09/04/07
SM I
'
09/04/07
SM I
'
09/04/07
SM I
'
09/04/07
SM I
'
09/04/07
SM I
'
09/04/07
H=1.1 ±0.1mm


Similar Part No. - 32SMOB

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
32SMOB WK-32SMOB Datasheet
154Kb / 1P
Crystal Clock Oscillators
32SMOBW WK-32SMOBW Datasheet
154Kb / 1P
Crystal Clock Oscillators
More results

Similar Description - 32SMOB

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
logo
AEL Crystals Ltd
AEL12 AEL-AEL12 Datasheet
47Kb / 1P
12-Series General Oscillator Specifications
AEL30 AEL-AEL30 Datasheet
35Kb / 1P
30-Series General Oscillator Specifications
AEL43 AEL-AEL43 Datasheet
34Kb / 1P
43-Series General Oscillator Specifications
AEL45 AEL-AEL45 Datasheet
57Kb / 1P
45-Series General Oscillator Specifications
AEL60 AEL-AEL60 Datasheet
29Kb / 1P
60-Series General Oscillator Specifications
AEL97 AEL-AEL97 Datasheet
49Kb / 1P
97-Series General Oscillator Specifications
logo
Wolfgang Knap
22SMODO-SO9936C WK-22SMODO-SO9936C Datasheet
83Kb / 1P
OSCILLATOR SPECIFICATIONS
97SMOWW-SO9969A WK-97SMOWW-SO9969A Datasheet
282Kb / 1P
Oscillator specifications
97SMOWWW-SO9968A WK-97SMOWWW-SO9968A Datasheet
296Kb / 1P
Oscillator specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com