Electronic Components Datasheet Search
  English  ▼

X  

KFO Datasheet(PDF) 1 Page - Wolfgang Knap

Part # KFO
Description  PLASTIC MOLDED SM CLOCK-OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

KFO Datasheet(HTML) 1 Page - Wolfgang Knap

  KFO Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 36 -
Ausgabedatum: 00-09-21
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
PLASTIC MOLDED SM CLOCK-OSCILLATORS
KFO90AT / KFO90FT / KFO50AT
FREQUENZSTABILITÄT
FREQUENCY STABILITY
BETRIEBSBEDINGUNGEN
OPERATING CONDITIONS
Modell Model
KFO90AT, KFO50AT
±100 ppm / -10 ~ +70°C
Betriebstemperatur operating temp.
-10~+70°C, -45~+85°C
KFO95AT
±50 ppm / -10 ~ +70°C
Lagertemperatur storage temperature
-55~+125°C
KFO90FT
±100 ppm / -45 ~ +85°C
Betriebsspannung supply voltage
+5,0 V ±0,5 V
Elektrische Daten electrical characteristics
Ta = 25°C, VDD = 5,0 V, CL = 50 pF (KFO90AT), RL = 400 Ω (KFO50AT)
Parameter
parameter
Bedingungen
conditions
Frequenzbereich
frequ. range (MHz)
KFO90A
T
KFO95A
T
KFO90FT
KFO50A
T
max. Stromaufnahme
max. input current
IDD
1,800 - 32,000
32,000
+ - 50,000
50,000
+ - 67,000
27 mA
45 mA
60 mA
22 mA
26 mA
-
Frequenzstabilität
frequency stability
über alles *)
all conditions *)
1,800 - 67,000
±100 ppm
±50 ppm
±100 ppm ±100 ppm
Temperatur op.
temp.
-10/+70°C -10/+70°C -45/+85°C -10/+70°C
Tastverhältnis
symmetry
@2,5 V
@1,4 V
1,800 - 50,000
50,000
+ - 67,000
1,800 - 50,000
45/55 %
40/60 %
-
-
-
45/55 %
Ausgangsspannung
output voltage
VOL
VOH
“0“ level
“1“ level
1,800 - 67,000
0,5 V max.
4,5 V min.
0,4V max.
2,4V min.
Anstiegszeit max.
rise time max.
TR
0,5 - 4,5 V
0,4 - 2,4 V
1,800 - 67,000
7 ns
-
-
5 ns
Abfallzeit max.
fall time max.
TF
4,5 - 0,5 V
2,4 - 0,4 V
1,800 - 67,000
7 ns
-
-
5 ns
Ausgangsstrom min.
output current min.
IOL
IOH
“0“ level
“1“ level
1,800 - 67,000
16 mA
16 mA
16 mA
4 mA
max. Belastbarkeit
max. driving ability
TTL
HCMOS
1,800 - 67,000
10 N-TTL
50 pF
10 N-TTL
Startzeit start-up
time
1,800 - 67,000
10 ms max.
*) Anmerkung: inkl. Abgleichtoleranz, Temperaturgang, Spannungs- und Laständerung, Alterung, Schock und Vibration
note: incl. frequency and temperature tolerance, supply voltage and load change, aging, shock and vibration
Funktionstabelle
enable /disable function
INH (pin #1)
output (pin #3)
open
active
“1“ (VIH ≥ 2,2 V)
active
“0“ (VIL ≤ 0,8 V)
high Z
Anschlußbelegung
pin connections
#1
E/D
#2
GND
#3
OUT
12,8 max.
8,65
9,80
max.
#1
#2
#3
#4
1,15
1,15
5,08
1,1
0,25 min.
0,51
1,0
4,7
max.
4,15
2,85
7,62
3,0
5,8
3,0
1,27
1,27
3,81
#4
VDD


Similar Part No. - KFO

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
KFO FOX-KFO Datasheet
249Kb / 1P
5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
logo
KODENSHI_AUK CORP.
KFO-RX16CA KODENSHI-KFO-RX16CA Datasheet
197Kb / 1P
Fiber Optic Receiving Module
KFO-RX16CB KODENSHI-KFO-RX16CB Datasheet
199Kb / 1P
Fiber Optic Receiving Module
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
Fiber Optic Transmitting Module
More results

Similar Description - KFO

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASML ABRACON-ASML Datasheet
508Kb / 1P
3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
logo
Advanced Crystal Techno...
ACT1100HS ACT-ACT1100HS Datasheet
148Kb / 2P
Clock Oscillators
3/4/6
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
330 OSCILENT-330 Datasheet
140Kb / 3P
Clock Oscillators
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1_18 Datasheet
64Kb / 1P
Clock Oscillators
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
Clock Oscillators
KC3225A-C3 KSS-KC3225A-C3_18 Datasheet
63Kb / 1P
Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com