Electronic Components Datasheet Search
  English  ▼

X  

TON9111 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TON9111
Description  VOLTAGE CONTROLLED OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TON9111 Datasheet(HTML) 1 Page - API Technologies Corp

  TON9111 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
Available as:
TOM9111, 4 Pin TO-8 (T4)
TON9111, 4 Pin Surface Mount (SM3)
TOP9111, 4 Pin Flatpack (FP4)
BXO9111, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Bipolar Transistor
!
!
!
!
! Broad Tuning Range
!
!
!
!
! Operating Case Temp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta=25ºC
Ta=-55ºCto+85ºC
Typical Performance Data
Specifications
12/17/04
Maximum Ratings
Ambient Operating Temperature .......... -55ºC to + 100 ºC
Storage Temperature ........................... -62ºC to + 125 ºC
Case Temperature ............................................. + 125 ºC
DC Voltage ..................................................... + 20 Volts
Maximum DC Tuning Voltage .......................... + 20 Volts
Minimum DC Tuning Voltage ................................ 0 Volts
Legend
+ 25 ºC
+85 ºC
-55 ºC
Notes:
1. Phase Noise is measured using the Aeroflex PN9000.
2. Worst case phase noise @ 100KHz offset across
frequency range and temperature extremes is -100dBc/Hz.
TOM9111
1500 - 2750 MHz
Note: Care should always be taken to effectively ground the case of each unit.
414
16
02
06
010
12
18
20
0
412
14
218
0
8
10
16
20
+12
+10
+14
+16
1000
1250
1750
2000
2500
2750
3000
6
8
1500
2250
Tuning Voltage (Volts)
Tuning Voltage (Volts)
Frequency
1500 - 2750 MHz
1500 - 2750 MHz
Output Power (dBm)
+12
+10.0 Min.
Power Flatness (dB)
+/-1.5
+/-1.5 Max.
Tuning Voltage Range (v)
2 to 18
0 to 20
Tuning Voltage
Sensitivity (MHz/V)
80
30 Min.
Harmonics (dBc)
-20
-10 Max.
Spurious (dBc)
<-80
-80 Max.
3dB Modulation BW,
Zg =50 Ohms
---
15MHz Min.
Pushing (MHz/V)
2.0
5.0 Max.
Pulling (MHz); 22 dB RL
30
45 Max.
Frequency Drift (MHz/ºC
---
0.5 Max.
Power
Vdc
+15
+15
m A
19
25
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TON9111

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TON9114 APITECH-TON9114 Datasheet
50Kb / 1P
VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - TON9111

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com