Electronic Components Datasheet Search
  English  ▼

X  

TON9100 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TON9100
Description  VOLTAGE CONTROLLED OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TON9100 Datasheet(HTML) 1 Page - API Technologies Corp

  TON9100 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
Available as:
TOM9100, 4 Pin TO-8 (T4)
TON9100, 4 Pin Surface Mount (SM3)
TOP9100, 4 Pin Flatpack (FP4)
BXO9100, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Bipolar Transistor
!
!
!
!
! Broad Tuning Range
!
!
!
!
! Operating Case Temp. -40 ºC to + 85 ºC
!
!
!
!
! Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -40 ºC to +85 ºC
Typical Performance Data
Specifications
Maximum Ratings
Ambient Operating Temperature ............ -55ºC to + 100 ºC
Storage Temperature ............................. -62ºC to + 125 ºC
Case Temperature .............................................. + 125 ºC
DC Voltage ...................................................... + 20 Volts
Maximum DC Tuning Voltage ........................... + 20 Volts
Minimum DC Tuning Voltage .................................... 0 Volt
Note: Care should always be taken to effectively ground the case of each unit.
Legend ------------- + 25 ºC -- -- -- +85 ºC - - - - - - -40ºC
12/17/04
TOM9100
900 - 1400 MHz
210
12
147
9
13
15
06
5
38
11
14
210
12
0.0
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
13.00
14.00
15.00
729.6
801.0
859.5
911.6
962.1
1013.9
1066.5
1119.3
1172.7
1224.8
1277.5
1326.3
1371.9
1411.8
1445.5
1477.3
+14.6
+14.6
+14.4
+14.4
+14.3
+14.3
+14.4
+14.4
+14.6
+14.6
+14.4
+14.1
+13.9
+13.8
+13.8
+13.8
-15.0
-18.5
+25.5
-31.2
-27.8
-25.2
-23.3
-23.3
-23.3
-22.8
-22.0
-20.0
-20.2
-20.7
-21.0
-21.3
-15.3
-17.0
-17.8
-19.0
-20.0
-20.7
-21.0
-22.2
-23.2
-24.8
-27.2
-30.7
-34.8
-36.5
-37.2
-37.3
01
04
07
9
13
15
0
0
+13
+12
+14
+15
700
900
1000
1100
1200
1300
1500
71.4
58.6
52.1
50.5
51.7
52.6
52.9
53.4
52.2
52.7
48.8
45.6
39.9
33.6
31.8
6
800
1400
5
38
11
14
210
12
147
9
13
15
06
5
38
11
14
V
t
fo
∆fPo
2H
3H
(V)
(MHz)
(MHz)
(dBm)
(dBc)
(dBc)
======================================================
Tuning Voltage (Volts)
Tuning Voltage (Volts)
Frequency
900 - 1400 MHz
900 - 1400 MHz
Output Power (dBm)
+13
+11.0 Min.
Power Flatness (dB)
+/-0.4
+/-0.6 Max.
Tuning Voltage Range (v)
1 to 12
1 to 15
Tuning Voltage
Sensitivity (MHz/V)
50
30 Min.
Harmonics (dBc)
<-20
-12 Max.
Spurious (dBc)
<-80
-80 Max.
Phase Noise
@ 100 KHz (dBc/hz)
-112
Max.
Pushing (MHz/V)
<2
3.0 Max.
Pulling (MHz); 12 dB RL
30
40.0 Max.
Frequency Drift (MHz/ºC
0.15
0.3 Max.
Power
Vdc
+12
+12
m A
22
25.0 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TON9100

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TON9111 APITECH-TON9111 Datasheet
55Kb / 1P
VOLTAGE CONTROLLED OSCILLATOR
TON9114 APITECH-TON9114 Datasheet
50Kb / 1P
VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - TON9100

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com