Electronic Components Datasheet Search
  English  ▼

X  

TMJ9912 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TMJ9912
Description  THRESHOLD DETECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TMJ9912 Datasheet(HTML) 1 Page - API Technologies Corp

  TMJ9912 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum (No Damage) Ratings
Operating Case Temperature................. - 55 °C to + 125 °C
Storage Temperature............................... -62 °C to + 150 °C
Continuous RF Input Power...................................+ 15 dBm
DC Voltage.............................................................+ 17 Volts
Power
Vdc
+12
+12
mA
3
5 Max.
THRESHOLD
DETECTOR
TMJ9912
Features
n
n
n
n
n External Threshold Control; Voltage or Resistance
n
n
n
n
n -10 dBm to + 10 dBm Input Operating Range
n
n
n
n
n Wide 10 MHz to 3000 MHz Bandwidth
Ta= 0 to 60 ºC
Ta = -55 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Threshold Temp. Stability (dB)
@ P
IN = -10 dBm
-
+/- 1.5 Max.
@ P
IN =
0 dBm
-
+/- 1.0 Max.
@ P
IN = +10 dBm
-
+/- 0.5 Max.
Input VSWR (Max)
<1.75:1
2.2:1
Max.
Specifications
Typical Performance Data
Rise Time/Fall Time (ns)
75
125
Output Short Circuit Current (mA)
8
3.0 Min.
Output @ P
IN = Threshold (V)
3.2
2.7 Min
Threshold Hystersis
Voltage Control (dB)
<0.1
-
Resistance Control (dB)
>1.0
-
Input Flatness (dB)
P =-10 to + 10 dBm
+/- 1.0
+/- 1.5 Max.
Threshold Control Level (V/Ohms)
@ P
IN
= -10 dBm
0.01 / 530
-
@ P
IN
= 0 dBm
0.265 / 2.3 K
-
@ P
IN
= +10 dBm
0.870 / 8.3 K
-
CHARACTERISTIC
TYPICAL
MIN/MAX
Revision 4/24/2013
-
+
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Packaging Options
TMJ9912, 5 Pin TO-8 (T5)
TNJ9912, 4 Pin 0.450” Sq. Surface Mount (SM3)
BXJ9912, SMA Connectorized Housing (H6)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
RF IN
OUT
TTL
+12V
THRESHOLD CONTROL
DET
REF
SCHEMATIC
.
.
1.0
0.5
0
-0.5
-1.0
1.5
10 -3000 MHz
Resistor Load on Threshold Terminal
-15 -10
-5
0
5
10
Input Power (dBm
)
-8
-10
-12
-9
-11
.01 0.5 1.0 1.5 2.0 2.5
Threshold Control Voltage = +26 mV
Frequency (GHz)
10 K
6 K
2 K
4 K
8 K
-15
−10
−5
0
+5 +10
1.0 V
800 mV
600 mV
400 mV
200 mV
0 V
0 K
Voltage
Resistance
Input Power (dBm
)
2.0
1.5
1.0
.01 .5
1.0 1.5 2.0
2.5
Frequency (GHz)
Control Voltage & Resistance vs. Input Power
(Ohms)
(Volts)
Input VSWR
P i n = - 1 0 d B m
Hysteresis
Threshold Power (dBm) vs. Frequency
3.0
3.0


Similar Part No. - TMJ9912

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TMJ9910 SPECTRUM-TMJ9910 Datasheet
232Kb / 1P
Analog Level Detector
logo
API Technologies Corp
TMJ9910 APITECH-TMJ9910 Datasheet
51Kb / 1P
ANALOG LEVEL DETECTOR
logo
Spectrum Microwave, Inc...
TMJ9911 SPECTRUM-TMJ9911 Datasheet
220Kb / 1P
RF Limiting Amplifier
logo
API Technologies Corp
TMJ9911 APITECH-TMJ9911 Datasheet
41Kb / 1P
ANALOG LEVEL DETECTOR
More results

Similar Description - TMJ9912

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
Threshold Detector
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
THRESHOLD DETECTOR
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com