Electronic Components Datasheet Search
  English  ▼

X  

TM9326 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9326
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9326 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9326 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 2000 MHz
10 - 2000 MHz
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +51 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +45 dBm (Typ.)
Third Order Two Tone Intercept Point ............+31 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
mA
110
120 Max.
RF AMPLIFIER
MODEL
TM9326
Available as:
TM9326, 4 Pin TO-8 (T4)
TN9326, 4 Pin .450” Sq. Surface Mount (SM3)
FP9326, 4 Pin .500” Sq. Flatpack (FP4)
BX9326, SMA Connectorized Housing (H1)
Features




Medium Gain: 15 dB Typical




High Output Power: +20.5 dBm Typical
 Operating Temp. -55 ºC
to +85 ºC
 Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
* Measured at 2000 MHz.
Noise Figure (dB)
6.5
7.5 Max.
VSWR
In
1.8:1
2.0:1 Max.
Out
1.8:1
2.0:1 Max.
Reverse
Isolation (dB)
-30
-25 Max.
Power @ 1 dB
Comp. (dBm)
+20.5*
+18.0 Min.
Gain (dB)
15
13.0 Min.
Specifications
Typical Performance Data
Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +115 ºC
Storage Temperature ................................. -62ºC to +150 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power.......50 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.5 Watt (3
μsec Max.)
Revision 5/2/2012
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 618-3700 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TM9326

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9326 SPECTRUM-TM9326 Datasheet
123Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM9326

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com