Electronic Components Datasheet Search
  English  ▼

X  

TM9309 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9309
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9309 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9309 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
Note: Care should always be taken to effectively ground the case of each unit.
* Noise Figure starts from 100 MHz.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................-55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +20 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.2 Watt (3
µsec Max.)
RF AMPLIFIER
MODEL
TM9309
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+60 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +55 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +40 dBm (Typ.)
Frequency
20 - 3000 MHz
20 - 3000 MHz
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -40 ºC to +70 ºC
Gain (dB)
10.0
9.0 Min.
Out
1.8:1
2.0:1 Max.
VSWR
In
1.8:1
2.0:1 Max.
Noise Figure (dB)*
9.5
6.0 Max.
Power
Vdc
+15
+15
mA
190
210 Max.
Power @ 1 dB
Comp.
+26.0
+25.0 Min.
Rev.
7/8/10
Reverse
Isolation (dB)
-20
-15 Max.
Features
Broad Bandwidth: 20 to 3000 MHz
High Output Power: +26.0 dBm Typical
High Third Order Intercept Point: +40 dBm Typical
Environmental ScreeningAvailable
Preliminary
Gain Flatness
±0.5
±0.8 Max.
Available as:
TM9309, 4 Pin TO8 (T4)
TN9309, 4 Pin Surface Mount (SM3)
BX9309, Connectorized Housing (H1)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TM9309

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9302 SPECTRUM-TM9302 Datasheet
45Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM9302 APITECH-TM9302 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9308 APITECH-TM9308 Datasheet
77Kb / 2P
RF AMPLIFIER
More results

Similar Description - TM9309

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com