Electronic Components Datasheet Search
  English  ▼

X  

LD1510SS Datasheet(PDF) 7 Page - LDT Co., Ltd

Part # LD1510SS
Description  3Channel Output LED Driver with 12 bit PWM Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1510SS Datasheet(HTML) 7 Page - LDT Co., Ltd

Back Button LD1510SS Datasheet HTML 3Page - LDT Co., Ltd LD1510SS Datasheet HTML 4Page - LDT Co., Ltd LD1510SS Datasheet HTML 5Page - LDT Co., Ltd LD1510SS Datasheet HTML 6Page - LDT Co., Ltd LD1510SS Datasheet HTML 7Page - LDT Co., Ltd LD1510SS Datasheet HTML 8Page - LDT Co., Ltd LD1510SS Datasheet HTML 9Page - LDT Co., Ltd LD1510SS Datasheet HTML 10Page - LDT Co., Ltd LD1510SS Datasheet HTML 11Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Ver3.0
7
LD1510
3Channel Output LED Driver with 12 bit PWM Controller
ELECTRICAL CHARACTERISTICS
(VDD = 5V, Ta = 25oC)
V
VDD
0.8VDD
-
VIH
H Level
Input
Voltage
V
5.5
5.0
4.5
VDD
VDD Regulator Voltage or
External Supply Voltage
%
±3.0
±1.5
REXT=500Ω
IOUT=100㎃, VOUT=1.5V
IOLPP1
Output Current1
Pin to Pin Deviation
%
±6.0
±3.0
REXT=500Ω
IOUT=100㎃, VOUT=1.5V
IOLCC1
Output Current1
Chip to Chip Deviation
%
±3.0
±1.5
REXT=1000Ω
IOUT=50㎃, VOUT=1.5V
IOLPP2
Output Current2
Pin to Pin Deviation
6.0
4.0
-
REXT=1000Ω,
OUTn=OFF
PWM=Gray0
ICC3
7.0
5.0
-
REXT=500Ω, OUTn=OFF
PWM=Gray0
ICC2
mA
2.0
1.0
-
REXT=Open, OUTn=OFF
PWM=Gray0
ICC1
Supply Current
%/V
±1.0
±0.5
REXT=1000Ω
%/VDD
Supply Voltage
Regulation
%
±6.0
±3.0
REXT=1000Ω
IOUT=50㎃, VOUT=1.5V
IOLCC2
Output Current1
Chip to Chip Deviation
0.8VDD
IOH=1mA
VOH
V
0.2VDD
IOL=1mA
VOL
DO,CLKO
Output
Voltage
uA
1
VOH=6.0V
IOZ
Output Leakage
Current
0.2VDD
GND
-
VIL
L Level
4.5
MIN.
15
TYP.
18
MAX.
V
VCC
VCC Supply Voltage
UNIT
TEST CONDITION
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com