Electronic Components Datasheet Search
  English  ▼

X  

ISO150AP Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO150AP
Description  Dual, Isolated, Bi-Directional DIGITAL COUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO150AP Datasheet(HTML) 7 Page - Burr-Brown (TI)

  ISO150AP Datasheet HTML 1Page - Burr-Brown (TI) ISO150AP Datasheet HTML 2Page - Burr-Brown (TI) ISO150AP Datasheet HTML 3Page - Burr-Brown (TI) ISO150AP Datasheet HTML 4Page - Burr-Brown (TI) ISO150AP Datasheet HTML 5Page - Burr-Brown (TI) ISO150AP Datasheet HTML 6Page - Burr-Brown (TI) ISO150AP Datasheet HTML 7Page - Burr-Brown (TI) ISO150AP Datasheet HTML 8Page - Burr-Brown (TI) ISO150AP Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
7
ISO150
LOGIC LEVELS
A single pin serves as a data input or output, depending on
the mode selected. Logic inputs are CMOS with thresholds
set for TTL compatibility. The logic threshold is approxi-
mately 1.3V with 5V supplies and with approximately 400mV
of hysteresis. Input logic thresholds vary with the power
supply voltage. Drive the logic inputs with signals that swing
the full logic voltage swing. The ISO150 will use somewhat
greater quiescent current if logic inputs do not swing within
0.5V of the power supply rails.
In receive mode, the data output can drive 15 standard
LS-TTL loads. It will also drive CMOS loads. The output
drive circuits are CMOS.
POWER SUPPLY
Separate, isolated power supplies must be connected to side
A and side B to provide galvanic isolation. Nominal rated
supply voltage is 5V. Operation extends from 3V to 5.5V.
Power supplies should be bypassed close to the device pins
on both sides of the isolation barrier.
The VS pin for each side powers the transceivers for both
channel 1 and 2. The specified supply current is the total of
both transceivers on one side, both operating in the indicated
mode. Supply current for one transceiver in transmit mode
and one in receive mode can be estimated by averaging the
specifications for transmit and receive operation. Supply
current varies with the data transmission rate—see typical
curves.
POWER-UP STATE
The ISO150 transmits information across the barrier only
when the input-side data changes logic state. When a trans-
ceiver is first programmed for receive mode, or is powered-
up in receive mode, its output is initialized “high”. Subse-
quent changes of data applied to the input side will cause the
output to properly reflect the input side data.
SIGNAL LOSS
The ISO150’s differential-mode signal transmission and
careful receiver design make it highly immune to voltage
across the isolation barrier (isolation-mode voltage). Rapidly
changing isolation-mode voltage can cause data errors. As
the rate of change of isolation voltage is increased, there is
a very sudden increase in data errors. Approximately 50% of
ISO150s will begin to produce data errors with isolation-
mode transients of 1.6kV/
µs. This may occur as low as
500V/
µs in some devices. In comparison, a 1000Vrms, 60Hz
isolation-mode voltage has a rate of change of approximately
0.5V/
µs.
Still, some applications with large, noisy isolation-mode
voltage can produce data errors by causing the receiver
output to change states. After a data error, subsequent changes
in input data will produce correct output data.
PROPAGATION DELAY AND SKEW
Logic transitions are delayed approximately 27ns through
the ISO150. Some applications are sensitive to data skew—
the difference in propagation delay between channel 1 and
channel 2. Skew is less than 2ns between channel 1 and
channel 2. Applications using more than one ISO150 must
allow for somewhat greater skew from device to device.
Since all devices are tested for delay times of 20ns min to
40ns max, 20ns is the largest device-to-device data skew.
MODE CHANGES
The transmission direction of a channel can be changed “on
the fly” by reversing the logic levels at the channel’s R/T
pins on both side A and side B. Approximately 75ns after the
transceiver is programmed to receive mode its output is
initialized “high”, and will respond to subsequent input-side
changes in data.
STANDBY MODE
Quiescent current of each transceiver circuit is very low in
transmit mode when input data is not changing (1nA typi-
cal). To conserve power when data transmission is not
required, program both side A and B transceivers for trans-
mit mode. Input data applied to either transceiver is ignored
by the other side. High speed data applied to either trans-
ceiver will increase quiescent current.
CIRCUIT LAYOUT
The high speed of the ISO150 and its isolation barrier
require careful circuit layout. Use good high speed logic
layout techniques for the input and output data lines. Power
supplies should be bypassed close to the device pins on both
sides of the isolation barrier. Use low inductance connec-
tions. Ground planes are recommended.
Maintain spacing between side 1 and side 2 circuitry equal
or greater than the spacing between the missing pins of the
ISO150 (approximately 16mm for the DIP version). Sockets
are not recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com