Electronic Components Datasheet Search
  English  ▼

X  

LR431APTLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR431APTLT1G
Description  LR431 LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431APTLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LR431APTLT1G Datasheet HTML 1Page - Leshan Radio Company LR431APTLT1G Datasheet HTML 2Page - Leshan Radio Company LR431APTLT1G Datasheet HTML 3Page - Leshan Radio Company LR431APTLT1G Datasheet HTML 4Page - Leshan Radio Company LR431APTLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR431 LINEAR INTEGRATED CIRCUIT
LRC
LESHAN RADIO COMPANY,LTD.
A
LUTE
A I U
RATING
ARA ETER
L
ALUE
UNIT
C
A
3
C
C
R
C
I A
1
1
A
R
I
C
R
I
1
A
T
T
1
°C
A
T
T
+7 0
°C
T
T
T
1
°C
REC
ENDED
ERATING C NDITI N
ARA ETER
L
IN
T
A
UNIT
C
A
RE
3
C
C
I A
1
1
A
ELECTRICAL C ARACTERI TIC
T
°C
ARA ETER
LTE T C NDITI N
IN
T
A
UNIT
R
I
A
RE
I A 1
A
0
D
I
1
∆
∆T
A
RE
I A 1
A
T IN
TA T A
4
1
R
C
R
I
C
C
∆
∆ A I A 1
A
∆ A 1
RE
∆ A 3
1
1
R
I
C
I
I A 1
A R1 1
Ω R ∞
1
4
µA
D
R
I
C
T
R
∆I
∆TI A 1
A R1 1
Ω R ∞
TA
T
4
1
µA
C
C
R
I A
A
RE
4
1
A
C
C
I A
A
3
RE
1
µA
D
I
A
A
RE
I A 1
1
A
≤1
1
Ω
0.5%
Type
RanK
Range(V)
1%
Marking
Packa
CLASSIFICATION OF Vref AND PACKAGE
0.5%
1%
2.487~2.512
T
/ 4
-
2.495
*
0~+70
°C
2.475~2.525
2.482~2.507
2.470~2.520
RA
RB
RA1
RB 1
SOT-23
SOT-23
SOT-23
SOT-23
0~+70
°C
0~+70
°C
0~+70
°C
0.5%
1%
0.5%
1%
RA2
RB2
RA3
RB3
SOT-23
SOT-23
SOT-23
SOT-23
-40~+125
°C
*
2.487~2.512
2.475~2.525
2.482~2.507
2.470~2.520
LR431ALT1G
LR431BPTLT1G
LR431APTLT1G
LR431BTLT1G
LR431ATLT1G
LR431BPLT1G
LR431APLT1G
LR431BLT1G
1
-40~+125
°C
-40~+125
°C
-40~+125
°C
Rev.O
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com