Electronic Components Datasheet Search
  English  ▼

X  

LOG100 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # LOG100
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG100 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  LOG100 Datasheet HTML 1Page - Burr-Brown (TI) LOG100 Datasheet HTML 2Page - Burr-Brown (TI) LOG100 Datasheet HTML 3Page - Burr-Brown (TI) LOG100 Datasheet HTML 4Page - Burr-Brown (TI) LOG100 Datasheet HTML 5Page - Burr-Brown (TI) LOG100 Datasheet HTML 6Page - Burr-Brown (TI) LOG100 Datasheet HTML 7Page - Burr-Brown (TI) LOG100 Datasheet HTML 8Page - Burr-Brown (TI) LOG100 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
LOG100
6
Log conformity is defined as the peak deviation from the
best-fit straight line of the V
OUT versus log (I1/I2) curve. This
is expressed as a percent of peak-to-peak full scale output.
Thus, the nonlinearity error expressed in volts over m
decades is
V
OUT (NONLIN) = K 2Nm V
(12)
where N is the log conformity error, in percent.
INDIVIDUAL ERROR COMPONENTS
The ideal transfer function with current input is
V
OUT = K Log
(13)
The actual transfer function with the major components of
error is
V
OUT = K (1 ± ∆K) log
±K 2Nm ± V
OS OUT
(14)
The individual component of error is
∆K = scale factor error (0.3%, typ)
I
B1 = bias current of A1 (1pA, typ)
I
B2 = bias current of A2 (1pA, typ)
N = log conformity error ( 0.05%, 0.1%, typ)
V
OS OUT = output offset voltage (1mV, typ)
m = number of decades over which N is specified:
0.05% for m = 5, 0.1% for m = 6
Example: what is the error with K = 3 when
I
1 = 1µA and I2 = 100nA
V
OUT = 3(1 ± 0.003) log
±3(2)(0.0005)5±1mV
(15)
≈ 3.009 log
+ 0.015 + 0.001
(16)
= 3.009 (1) + 0.015 + 0.001
(17)
= 3.025V
(18)
Since the ideal output is 3.000V, the error as a percent of
reading is
% error =
x 100% = 0.83%
(19)
For the case of voltage inputs, the actual transfer function is
V
OUT = K(1 ± ∆K) log
±K 2Nm ±V
OS OUT
(20)
FREQUENCY RESPONSE
The 3dB frequency response of the LOG100 is a function of
the magnitude of the input current levels and of the value of
the frequency compensation capacitor. See Typical Perfor-
mance Curves for details.
TOTAL ERROR
The total error is the deviation (expressed in mV) of the
actual output from the ideal output of V
OUT = K log (I1/I2).
Thus,
V
OUT (ACTUAL) = VOUT (IDEAL) ± Total Error.
It represents the sum of all the individual components of
error normally associated with the log amp when operated in
the current input mode. The worst-case error for any given
ratio of I
1/I2 is the largest of the two errors when I1 and I2 are
considered separately.
Example:
I
1 varies over a range of 10nA to 1µA and I2 varies from
100nA to 10
µA. What is the maximum error?
Table I shows the maximum errors for each decade combi-
nation of I
1 and I2.
Since the largest value of I
1/I2 is 10 and the smallest is 0.001,
K is set at 3V per decade so the output will range from +3V
to –9V. The maximum total error occurs when I
1 = 10nA and
is equal to K x 30mV. This represents a 0.75% of peak-to-
peak FSO error 3 x 0.030/12 x 100% = 0.75% where the full
scale output is 12V (from +3V to –9V).
ERRORS RTO AND RTI
As with any transfer function, errors generated by the
function itself may be Referred-to-Output (RTO) or Re-
ferred-to-Input (RTI). In this respect, log amps have a
unique property:
Given some error voltage at the log amp’s output, that
error corresponds to a constant percent of the input
regardless of the actual input level.
Refer to: Yu Jen Wong and William E. Ott, “Function
Circuits: Design & Applications”, McGraw-Hill Book, 1976.
LOG CONFORMITY
Log conformity corresponds to linearity when V
OUT is plot-
ted versus I
1/I2 on a semilog scale. In many applications, log
conformity is the most important specification. This is true
because bias current errors are negligible (1pA compared to
input currents of 1nA and above) and the scale factor and
offset errors may be trimmed to zero or removed by system
calibration. This leaves log conformity as the major source
of error.
I
2
I
1
I
1 – IB1
I
2 – IB2
TABLE I. I
1/I2 and Maximum Errors.
I
1 (maximum error)
(1)
NOTE: (1) Maximum errors are in parenthesis.
10nA
100nA
1
µA
(30mV)
(25mV)
(20mV)
100nA
0.1
1
10
(25mV)
(30mV)
(25mV)
(25mV)
1
µA
0.01
0.1
1
(20mV)
(30mV)
(25mV)
(20mV)
10
µA
0.001
0.01
0.1
(25mV)
(30mV)
(25mV)
(25mV)
10–7 –10–12
10–6 –10–12
10–7
10–6
R
1
– I
B1 ±
R
1
V
1
R
2
– I
B2 ±
R
2
V
2
E
OS1
E
OS2
3
0.025



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com