Electronic Components Datasheet Search
  English  ▼

X  

LNJ9901 Datasheet(PDF) 1 Page - API Technologies Corp

Part # LNJ9901
Description  ANALOG LEVEL DETECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

LNJ9901 Datasheet(HTML) 1 Page - API Technologies Corp

  LNJ9901 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -40 ºC
ANALOG LEVEL
DETECTOR
LNJ9901
Features
!
!
!
!
! Wideband: Low VSWR
!
!
!
!
!
Small Size
!
!
!
!
! Operating Temp. -40ºC to 85ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -40 ºC to +85 ºC
Frequency
20 - 2000 MHz
20 - 2000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Sensitivity (P
IN= 0 dBm)
+/-1.0
+/-0.8 Min.
VSWR (P
IN= 0 dBm)
1.25:1
1.8:1 Max.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +125 ºC
Storage Temperature ................................. -62ºC to +150 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +20 Volts
Continuous RF Input Power .................................. +20 dBm
PACKAGE: 4 Pin, 0.25””””” Sq. Surface Mount (SM12)
Power
Vdc
+15
+15
m A
6
8 Max.
Vdc
-15
-15
mA
6
8 Max.
0.1
1
10
+10
-15
-10
+5
-5
0
0.1
1
10
+10
-15
-10
+5
-5
0
2.0
1.5
1.0
Start 20 MHz
Stop 2000 MHz
Volts
100 MHz
500 MHz
1000 MHz
2000 MHz
Volts
Output Voltage vs Input Power vs Frequency
Output Voltage vs Input Power vs Temp. @ 1000 MHz
Input Power (dBm)
VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - LNJ9901

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
LNJ9901 SPECTRUM-LNJ9901 Datasheet
174Kb / 1P
Analog Level Detector
More results

Similar Description - LNJ9901

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1507 NTE-NTE1507 Datasheet
23Kb / 3P
Integrated Circuit 10-Step Adjustable Analog Level Detector
logo
Texas Instruments
TL490C TI-TL490C Datasheet
240Kb / 4P
10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
logo
DAICO Industries, Inc.
DAD02006 DAICO-DAD02006 Datasheet
117Kb / 1P
Analog Level Detector
logo
Texas Instruments
TL489C TI-TL489C Datasheet
205Kb / 4P
5-STEP ANALOG LEVEL DETECTOR
logo
Spectrum Microwave, Inc...
LNJ9901 SPECTRUM-LNJ9901 Datasheet
174Kb / 1P
Analog Level Detector
TMJ9910 SPECTRUM-TMJ9910 Datasheet
232Kb / 1P
Analog Level Detector
logo
API Technologies Corp
TMJ9911 APITECH-TMJ9911 Datasheet
41Kb / 1P
ANALOG LEVEL DETECTOR
TMJ9910 APITECH-TMJ9910 Datasheet
51Kb / 1P
ANALOG LEVEL DETECTOR
logo
Teledyne Technologies I...
PSD200125 TELEDYNE-PSD200125 Datasheet
116Kb / 4P
Surface Mount Analog Level Detector
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
Surface Mount Analog Level Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com