Electronic Components Datasheet Search
  English  ▼

X  

3QL50AQ Datasheet(PDF) 4 Page - Leshan Radio Company

Part # 3QL50AQ
Description  Package with screw terminals Isolation voltage 3000 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

3QL50AQ Datasheet(HTML) 4 Page - Leshan Radio Company

  3QL50AQ Datasheet HTML 1Page - Leshan Radio Company 3QL50AQ Datasheet HTML 2Page - Leshan Radio Company 3QL50AQ Datasheet HTML 3Page - Leshan Radio Company 3QL50AQ Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
3QL50AK-22 Thru 3QL50AS-22
5. 印字规范
Marking Identification
Note:
型号:
3
QL
50
AS -22
Highly size =22mm
Bridge reverse voltage=1600V
Average rectified forward Current=50A
mean:QL series bridge
mean:Three phase bridge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com