Electronic Components Datasheet Search
  English  ▼

X  

EGP30M Datasheet(PDF) 2 Page - Leshan Radio Company

Part # EGP30M
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

EGP30M Datasheet(HTML) 2 Page - Leshan Radio Company

  EGP30M Datasheet HTML 1Page - Leshan Radio Company EGP30M Datasheet HTML 2Page - Leshan Radio Company EGP30M Datasheet HTML 3Page - Leshan Radio Company EGP30M Datasheet HTML 4Page - Leshan Radio Company EGP30M Datasheet HTML 5Page - Leshan Radio Company EGP30M Datasheet HTML 6Page - Leshan Radio Company EGP30M Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
EGP30A thru EGP30M
Fig 3. – Typical Instantaneous Forward
Characteristics
0.4
0.8
1.2
1.6
2.0
2.4
10
1.0
0.1
0.01
100
Instantaneous Forward Voltage (V)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
0
10
100
200
100
10
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Number of Cycles at 60Hz
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig 4. – Typical Reverse Characteristics
0
20
40
60
80
100
100
10
1.0
0.10
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃
Tj=25℃
Fig. 1 – Forward Current Derating Curve
0
25
50
75
100 125
150 175
4.0
2.0
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
Ambient Temperature, °C
Fig 6. – Typical Junction Capacitance
0.01
0.1
1.0
10
100
50
100
1.0
0.1
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com