Electronic Components Datasheet Search
  English  ▼

X  

EGP30D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # EGP30D
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

EGP30D Datasheet(HTML) 1 Page - Leshan Radio Company

  EGP30D Datasheet HTML 1Page - Leshan Radio Company EGP30D Datasheet HTML 2Page - Leshan Radio Company EGP30D Datasheet HTML 3Page - Leshan Radio Company EGP30D Datasheet HTML 4Page - Leshan Radio Company EGP30D Datasheet HTML 5Page - Leshan Radio Company EGP30D Datasheet HTML 6Page - Leshan Radio Company EGP30D Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-210AD
molded plastic over glass body
We declare that the material of product compliance
Terminals: Plated axial leads, solderable per
with ROHS requirements
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.038 oz., 1.03 g
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
EGP
30A
EGP
30B
EGP
30C
EGP
30D
EGP
30F
EGP
30G
EGP
30J
EGP
30K
EGP
30M
Unit
Making
EGP
30A
EGP
30B
EGP
30C
EGP
30D
EGP
30F
EGP
30G
EGP
30J
EGP
30K
EGP
30M
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
600
800
1000V
Maximum RSM voltage
VRSM
35
70
105
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75
°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
EGP
30A
EGP
30B
EGP
30C
EGP
30D
EGP
30F
EGP
30G
EGP
30J
EGP
30K
EGP
30M
Unit
Maximum Instantaneous Forward Voltage
(IF = 3.0 Amps, TJ = 25
°C)
VF
V
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths
(Rated dc Voltage, TJ = 25
°C)
(Rated dc Voltage, TJ = 125
°C)
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
EGP30A thru EGP30M
Glass Passivated Junction High Efficiency Rectifiers
Reverse Voltage 50 to 1000V
3.0
125
55
40
10.0
200
–50 to +150
1.70
75
0.95
1.25
50
50


Similar Part No. - EGP30D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30D ZOWIE-EGP30D Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
General Semiconductor
EGP30D GE-EGP30D Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Micro Commercial Compon...
EGP30D MCC-EGP30D Datasheet
82Kb / 3P
3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
Taiwan Semiconductor Co...
EGP30D TSC-EGP30D Datasheet
73Kb / 2P
3.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
logo
Galaxy Semi-Conductor H...
EGP30D BILIN-EGP30D Datasheet
124Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - EGP30D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com