Electronic Components Datasheet Search
  English  ▼

X  

X15 Datasheet(PDF) 1 Page - API Technologies Corp

Part # X15
Description  Frequency Multipliers X15 Multiplication
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

X15 Datasheet(HTML) 1 Page - API Technologies Corp

  X15 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Multipliers
X15 Multiplication
SPECTRUM MICROWAVE
CERTIFIED
www.specwave.com
SPECTRUM MICROWAVE • 2707 Black Lake Place • Philadelphia, PA 19154 • Phone: (215) 464-4000 • Fax: (215) 464-4001
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Spectrum Microwave offers a complete line of low
noise odd order SRD frequency multipliers, which exhibit
excellent phase noise performance. The input signal is
amplified, multiplied and filtered at X Band. Filtering in this
series of multipliers is accomplished through a very narrow
high Q band pass filter.
All internal semiconductors are housed in rugged
hermetically sealed packages to insure excellent
performance over military environmental conditions.
Additive phase noise testing is performed on each
device to ensure low phase noise/jitter performance.
Typical Performance Characteristics
Input Frequency . . . . . . . . . . . . . . . . . . . . . 413 – 726 MHz
Band Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2%
Input Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 dBm
Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 dBm
Harmonics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤-50 dBc
Sub-Harmonics . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤-60 dBc
DC Input Power . . . .15 VDC @
≤110 mA, -5 VDC @ ≤1 mA
Mechanical . . . . . . . . . . . . . . . . . . . . . . . . 4.2" x 2" x 0.65"
X15 Frequency Multiplier
Amp


Similar Part No. - X15

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
X15 SPECTRUM-X15 Datasheet
235Kb / 1P
Frequency Multipliers
logo
List of Unclassifed Man...
X150FF3 ETC-X150FF3 Datasheet
94Kb / 2P
2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
logo
Voltage Multipliers Inc...
X150FF3 VMI-X150FF3 Datasheet
37Kb / 1P
Spice Model
X150FF3 VMI-X150FF3 Datasheet
100Kb / 2P
High Voltage Diodes - Axial Lead 50mA - 420mA ??30ns - 50ns ??Hermetic
logo
New Jersey Semi-Conduct...
X150FF3 NJSEMI-X150FF3 Datasheet
85Kb / 1P
2,000 V -15,000 V Rectifiers
More results

Similar Description - X15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
VCXO USING FREQUENCY MULTIPLICATION
logo
Spectrum Microwave, Inc...
X4-X8 SPECTRUM-X4-X8 Datasheet
180Kb / 1P
Frequency Multipliers
X15 SPECTRUM-X15 Datasheet
235Kb / 1P
Frequency Multipliers
X48 SPECTRUM-X48 Datasheet
190Kb / 1P
Frequency Multipliers
logo
API Technologies Corp
BXMF1013 APITECH-BXMF1013 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1012 APITECH-BXMF1012 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1011 APITECH-BXMF1011 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
X48 APITECH-X48 Datasheet
193Kb / 1P
Frequency Multipliers X2, X4, X8 & X48 Multiplication
X4 APITECH-X4 Datasheet
183Kb / 1P
Frequency Multipliers X4, X8 Multiplication
logo
Integrated Device Techn...
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
Jitter attenuation and frequency multiplication
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com