Electronic Components Datasheet Search
  English  ▼

X  

X4 Datasheet(PDF) 1 Page - API Technologies Corp

Part # X4
Description  Frequency Multipliers X4, X8 Multiplication
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

X4 Datasheet(HTML) 1 Page - API Technologies Corp

  X4 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Multipliers
X4, X8 Multiplication
SPECTRUM MICROWAVE
CERTIFIED
www.specwave.com
SPECTRUM MICROWAVE • 2707 Black Lake Place • Philadelphia, PA 19154 • Phone: (215) 464-4000 • Fax: (215) 464-4001
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Spectrum Microwave offers a line of low noise
frequency multipliers based on multiple passive doubler/
amplifier combinations. These custom designed assemblies
cover input frequency ranges of 5 to 500 MHz with output
frequencies in the range of 100 to 1000 MHz. Narrowband
or broadband devices are available. Additive phase noise
testing ensures low phase noise/jitter performance. All
internal amplifiers and doublers are contained in rugged
TO-8 hermetic packages for excellent performance over
military environmental conditions.
Features
I Low additive noise (-146 dBc/Hz 10 KHz offset X8
multiplication)
I Low harmonic and sub harmonic content (-60 dBc)
I Low discrete Spurious (-75 dBc integrated over a 10 MHz
Bandwidth)
I High reliability (200,000 hour MTBF Naval Sheltered)
Optional Features
I Output filtering
I Digital ECL outputs (single or differential)
I Built in test power detectors
I Internal voltage regulation
X2
X2
Threshold
Detector
ECL
Converter
Threshold
Detector
X2
Typical Performance Characteristics
Input Frequency Range . . . . . . . . . . . . . . . . . . 5 – 500 MHz
Output Frequency Range . . . . . . . . . . . . . . 100 – 1000 MHz
Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2%
Pin
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 dBm
Pout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 dBm
ECL Differential Delay . . . . . . . . . . . . . . . . . . . . . .
≥ 100 ps
Harmonics . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤ -50 dBc
Sub-Harmonics . . . . . . . . . . . . . . . . . . . . . . . . . .
≤ -70 dBc
Phase Noise . . . . . . . . . . . . .1 KHz . . . . . . . . -146 dBc/Hz
(Referenced to Input)
. . . . . . . .10 KHz . . . . . . . - 158 dBc/Hz
. . . . . . . . . . . . . . . . . .100 KHz . . . . . . -158 dBc/Hz
Input Power . . . . . . . . . . . +5 VDC and +15 VDC @ 60 mA
Package Size . . . . . . . . . . . . . . . . . . . . . . . . . . 4" x 4" x 1.5"


Similar Description - X4

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1010 APITECH-BXMF1010 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1009 APITECH-BXMF1009 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1007 APITECH-BXMF1007 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1006 APITECH-BXMF1006 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1005 APITECH-BXMF1005 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1003 APITECH-BXMF1003 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1002 APITECH-BXMF1002 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1001 APITECH-BXMF1001 Datasheet
66Kb / 1P
Frequency Multiplier (x4, x8)
X48 APITECH-X48 Datasheet
193Kb / 1P
Frequency Multipliers X2, X4, X8 & X48 Multiplication
X15 APITECH-X15 Datasheet
237Kb / 1P
Frequency Multipliers X15 Multiplication
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com