Electronic Components Datasheet Search
  English  ▼

X  

LSD05T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LSD05T1G
Description  Transient Voltage Suppressors for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSD05T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LSD05T1G Datasheet HTML 1Page - Leshan Radio Company LSD05T1G Datasheet HTML 2Page - Leshan Radio Company LSD05T1G Datasheet HTML 3Page - Leshan Radio Company LSD05T1G Datasheet HTML 4Page - Leshan Radio Company LSD05T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Parameter
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
IF
Forward Current
VF
Forward Voltage @ IF
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA
VRWM
(V)
IR(uA)
@
VRWM=5V
VBR (V)@
It=1mA
VC (V)
@ IPP=5 A
tp=8/20μs
VC (V)
@ IPP=24
tp=8/20μs
IPP
(A)
tp=8/20μs
C
(pF)
Max
Max
Min
Typ
Device
Max
Max
Typ
LSD05T1G
5.0
10
6.0
9.8
14.5
24
350
LSD12T1G
12.0
1.0
13.3
19.0
25.0
15
150
Fig.1 Non-Repetitive Peak Pulse Power vs. Pulse Time
LESHAN RADIO COMPANY, LTD.
LSD05T1G , S-LSD05T1G
Rev.A 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com