Electronic Components Datasheet Search
  English  ▼

X  

C870 Datasheet(PDF) 3 Page - EPCOS

Part # C870
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C870 Datasheet(HTML) 3 Page - EPCOS

  C870 Datasheet HTML 1Page - EPCOS C870 Datasheet HTML 2Page - EPCOS C870 Datasheet HTML 3Page - EPCOS C870 Datasheet HTML 4Page - EPCOS C870 Datasheet HTML 5Page - EPCOS C870 Datasheet HTML 6Page - EPCOS C870 Datasheet HTML 7Page - EPCOS C870 Datasheet HTML 8Page - EPCOS C870 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
General technical data
Max. operating voltage
(TA = 60 °C)
Vmax
265
V DC or V AC
Rated voltage
VR
230
V DC or V AC
Switching cycles
N
100
Tolerance of RR
(Tref = 80 °C or 120 °C) ∆RR
±25
%
Tolerance of RR
(Tref = 130 °C)
∆RR
±20
%
Operating temperature range
(V = 0)
Top
40/+125
°C
Operating temperature range
(V = Vmax)
Top
0/+60
°C
Electrical specifications and ordering codes
Type IR
mA
IS
mA
ISmax
(V = Vmax)
A
Ir
(typ.)
(V = Vmax)
mA
Tref
(typ.)
°C
RR
Ω
Rmin
Ω
Approvals
Ordering code
C810 650 980
7.0
20
130
3.5
2.3 X
B59810C0130A070
C830 460 920
7.0
20
120
3.7
2.4 X
B59830C0120A070
C830 450 680
4.1
15
130
5
3.3 X
B59830C0130A070
C840 330 660
4.1
15
120
6
3.8 X
B59840C0120A070
C840 330 500
2.2
13
130
9
5.9 X
B59840C0130A070
C830 250 510
7.0
15
80
3.7
2.2 X
B59830C0080A070
C850 200 400
2.2
13
120
10
6.4 X
B59850C0120A070
C850 200 320
1.5
10
130
13
8.6 X
B59850C0130A070
C840 170 350
4.1
10
80
6
3.6 X
X
B59840C0080A070
C860 140 280
1.5
10
120
15
9
X
B59860C0120A070
C860 140 230
1.0
9
130
25
16.5 X
B59860C0130A070
C850 110 230
2.2
8
80
10
6
X
X
B59850C0080A070
C870 100 200
1.0
9
120
25
15
X
B59870C0120A070
C870 100 150
0.4
6
130
50
33
X
X
B59870C0130A070
C860
90 180
1.5
6
80
15
7.8 X
X
B59860C0080A070
C872
80 160
1.0
9
120
35
21
X
B59872C0120A070
C873
70 140
1.0
9
120
45
27
X
B59873C0120A070
C870
60 130
1.0
5
80
25
13
X
X
B59870C0080A070
C874
60 125
1.0
9
120
55
31
X
B59874C0120A070
C875
55 110
1.0
9
120
65
36
X
B59875C0120A070
C880
55 110
0.4
6
120
70
39
X
X
B59880C0120A070
C880
55
90
0.2
5
130 160
106
X
X
B59880C0130A070
C883
35
70
0.4
5
120 120
67
X
X
B59883C0120A070
C880
30
70
0.4
4
80
70
36.7 X
X
B59880C0080A070
C890
30
60
0.2
5
120 150
84
X
X
B59890C0120A070
C890
15
40
0.2
3
80 150
78.7 X
X
B59890C0080A070
Overcurrent protection
Leaded disks, coated, 230 V
C810 ... C890
Page 3 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com