Electronic Components Datasheet Search
  English  ▼

X  

C880 Datasheet(PDF) 15 Page - EPCOS

Part # C880
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C880 Datasheet(HTML) 15 Page - EPCOS

Back Button C880 Datasheet HTML 8Page - EPCOS C880 Datasheet HTML 9Page - EPCOS C880 Datasheet HTML 10Page - EPCOS C880 Datasheet HTML 11Page - EPCOS C880 Datasheet HTML 12Page - EPCOS C880 Datasheet HTML 13Page - EPCOS C880 Datasheet HTML 14Page - EPCOS C880 Datasheet HTML 15Page - EPCOS C880 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TC
Ferroelectric Curie temperature
tE
Settling time (for level sensors)
TR
Rated temperature
Tsense
Sensing temperature
Top
Operating temperature
TPTC
PTC temperature
tR
Response time
Tref
Reference temperature
TRmin
Temperature at minimum resistance
tS
Switching time
Tsurf
Surface temperature
UCT
Upper category temperature
V or Vel
Voltage (with subscript only for distinction from volume)
Vc(max)
Maximum DC charge voltage of the surge generator
VF,max
Maximum voltage applied at fault conditions in protection mode
VRMS
Root-mean-square value of voltage
VBD
Breakdown voltage
Vins
Insulation test voltage
Vlink,max
Maximum link voltage
Vmax
Maximum operating voltage
Vmax,dyn
Maximum dynamic (short-time) operating voltage
Vmeas
Measuring voltage
Vmeas,max
Maximum measuring voltage
VR
Rated voltage
VPTC
Voltage drop across a PTC thermistor
α
Temperature coefficient
∆
Tolerance, change
δth
Dissipation factor
τth
Thermal cooling time constant
λ
Failure rate
Lead spacing (in mm)
Abbreviations / Notes
Surface-mount devices
* To be replaced by a number in ordering codes, type designations etc.
+ To be replaced by a letter
All dimensions are given in mm.
The commas used in numerical values denote decimal points.
Overcurrent protection
Leaded disks, coated, 230 V
C810 ... C890
Page 15 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com