Electronic Components Datasheet Search
  English  ▼

X  

MALIML0024 Datasheet(PDF) 2 Page - API Technologies Corp

Part # MALIML0024
Description  S-Band Drop-in Limiter Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MALIML0024 Datasheet(HTML) 2 Page - API Technologies Corp

  MALIML0024 Datasheet HTML 1Page - API Technologies Corp MALIML0024 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Value
Units
Min.
Typ.
Max.
FrequencyBand
2.7
3.8
GHz
OperatingTemperatureT
op
-10
+65
°C
InsertionLoss
0.3
0.5
dB
Isolation
35
dB
PeakInputPower(Pulsed)
100
W
OutputFlatLeakage(CWandPulse)
+19
dBm
SpikeLeakage(RFrisetime>=15ns)
10
nJ
Recoverytime,NormalOperating
(towithin3dbofI/Latinputpower
testconditions)
500
nS
InputVSWR(Pin≤-10dBm)
1.5:1
Ratio
OutputVSWR(Pin≤-10dBm)
1.5:1
Ratio
RFPerformance
+1855.294.3800
www.apitech.com
+44(0)1908.574.200
email-info.rf2m@apitech.com
http://rf2m.apitech.com
Whilsteveryeffortismadetoensuretheaccuracyoftheinformationcontainedinthisbrochure,noresponsibilitycanbeacceptedforanyerrorsand/oromissions.
Descriptionsandspecificationsofproductsaresubjecttochangewithoutnotice.
(Applies over the frequency range @ +25°C, output and input load impedance of 50 ohms. Unless otherwise stated limits & conditions
are indicated values.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com