Electronic Components Datasheet Search
  English  ▼

X  

FFM201 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # FFM201
Description  Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFM201 Datasheet(HTML) 6 Page - Leshan Radio Company

  FFM201 Datasheet HTML 1Page - Leshan Radio Company FFM201 Datasheet HTML 2Page - Leshan Radio Company FFM201 Datasheet HTML 3Page - Leshan Radio Company FFM201 Datasheet HTML 4Page - Leshan Radio Company FFM201 Datasheet HTML 5Page - Leshan Radio Company FFM201 Datasheet HTML 6Page - Leshan Radio Company FFM201 Datasheet HTML 7Page - Leshan Radio Company FFM201 Datasheet HTML 8Page - Leshan Radio Company FFM201 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
标题Titile:
B. 载带
类型
SMA
SMB
SMC
W
12
±0.3
12±0.3
16
±0.3
P14
±0.1
8±0.1
8
±0.1
E
1.75
±0.1
1.75±0.1 1.75±0.1
F
5.5
±.05
5.5±0.05 7.5±.05
D0
1.55
±0.05 1.55±0.05 1.55±0.05
D1
1.5
±0.1
1.55±0.05 1.55±0.05
P04
±0.1
4±0.1
4
±0.1
P22
±0.05
2±0.05
2
±0.05
10P0
40
±0.2
40±0.2
40
±0.2
A0
2.79
±0.1
3.8±0.1
6.05
±0.1
B0
5.33
±0.1
5.4±0.1
8.31
±0.1
K0
2.36
±0.1
2.45±0.1 2.54±0.1
T
0.25
±0.05 0.25±0.05 0.25±0.05
2、SMD产品通用包装规范 General spec of SMD
5.2.1国内客户domestic
A. 7"卷盘reel
所有标签贴在卷盘负极 all the label on cathode side
A处:贴LRC标签;
B处:贴ROHS标签
C处:贴无卤标签 HF label
B. 13"卷盘
所有标签贴在卷盘负极 all the label on cathode side
(无卤产品才贴HF only)
A处:贴LRC标签;
B处:贴ROHS标签
C处:贴无卤标签(无卤产品才贴HF only)
第
4
页
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
文件编号:
WI-258
Packaging specification of SMD
A
B
A
B
A
B
SEC.:A-A'
Ao
P2
P1
A
Do
A'
B
Po
B'
SEC.:B-B'
t
D1
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com