Electronic Components Datasheet Search
  English  ▼

X  

FFM205 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FFM205
Description  Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFM205 Datasheet(HTML) 1 Page - Leshan Radio Company

  FFM205 Datasheet HTML 1Page - Leshan Radio Company FFM205 Datasheet HTML 2Page - Leshan Radio Company FFM205 Datasheet HTML 3Page - Leshan Radio Company FFM205 Datasheet HTML 4Page - Leshan Radio Company FFM205 Datasheet HTML 5Page - Leshan Radio Company FFM205 Datasheet HTML 6Page - Leshan Radio Company FFM205 Datasheet HTML 7Page - Leshan Radio Company FFM205 Datasheet HTML 8Page - Leshan Radio Company FFM205 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* Fast Switching for high efficiency
* Typical IR less than 1.0
µA
* High temperature soldering guaranteed:
260
°C/10 seconds
Mechanical Data
Case: JEDEC DO-214AA / SMB, molded plastic over glass die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
We declare that the material of product compliance
Mounting Position: Any
with ROHS requirements
Weight: 0.098 g
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FFM
201
FFM
202
FFM
203
FFM
204
FFM
205
FFM
206
FFM
207
FFM
207P
Unit
Device marking code
FFM
201
FFM
202
FFM
203
FFM
204
FFM
205
FFM
206
FFM
207
FFM
207P
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
1000V
Maximum RSM voltage
VRSM
35
70
140
280
420
560
700
700V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1000V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FFM
201
FFM
202
FFM
203
FFM
204
FFM
205
FFM
206
FFM
207
FFM
207P
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 125
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
1.3
5.0
100
8.0
FFM201 thru FFM207P
150
500
Surface Mount Glass Passivated Super Fast Rectifiers
Reverse Voltage 50 to 1000V Forward Current 2.0A
2.0
70
55
–50 to +150


Similar Part No. - FFM205

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM205 RECTRON-FFM205 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FFM205 FORMOSA-FFM205 Datasheet
69Kb / 2P
Fast recovery type
logo
List of Unclassifed Man...
FFM205 ETC2-FFM205 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM205 WINNERJOIN-FFM205 Datasheet
90Kb / 2P
Underwriters Laboratory
logo
SUNMATE electronic Co.,...
FFM205 SUNMATE-FFM205 Datasheet
366Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - FFM205

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2A LRC-RS2A Datasheet
386Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
RS2ABF LRC-RS2ABF Datasheet
253Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMA201 LRC-FFMA201 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMA207 LRC-FFMA207 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2MBF LRC-RS2MBF Datasheet
253Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com