Electronic Components Datasheet Search
  English  ▼

X  

SF17 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF17
Description  Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF17 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF17 Datasheet HTML 1Page - Leshan Radio Company SF17 Datasheet HTML 2Page - Leshan Radio Company SF17 Datasheet HTML 3Page - Leshan Radio Company SF17 Datasheet HTML 4Page - Leshan Radio Company SF17 Datasheet HTML 5Page - Leshan Radio Company SF17 Datasheet HTML 6Page - Leshan Radio Company SF17 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching
power supplies,inverters and as free wheeling diodes
* Diffused junction
* Ultrafast recovery time for high efficiency
* Soft recovery characteristics
* Excellent high temperature switching
* High temperature soldering guaranteed:
260
°C/10 seconds
Mechanical Data
Case: JEDEC DO-41, molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product
Weight: 0.012 oz., 0.284 g
compliance with ROHS requirements
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF11
SF12
SF13
SF14
SF15
SF16
SF17
SF18
Unit
device marking code
SF11
SF12
SF13
SF14
SF15
SF16
SF17
SF18
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600V
Maximum RSM voltage
VRSM
35
70
105
140
210
280
350
420V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF11
SF12
SF13
SF14
SF15
SF16
SF17
SF18
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
5.0
200
35
15.0
Reverse Voltage 50 to 600V Forward Current 1.0A
0.95
1.25
SF11 thru SF18
45
–50 to +150
1.7
1.0
30
Super Fast Rectifiers


Similar Part No. - SF17

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF17 MOSPEC-SF17 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
logo
Won-Top Electronics
SF17 WTE-SF17 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF17 EIC-SF17 Datasheet
47Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Formosa MS
SF17 FORMOSA-SF17 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF17 FORMOSA-SF17 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF17

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1E1 LRC-1E1 Datasheet
219Kb / 7P
Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFM101 LRC-EFM101_14 Datasheet
196Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF101 LRC-EFMAF101 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF108 LRC-EFMAF108 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com