Electronic Components Datasheet Search
  English  ▼

X  

SF44 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF44
Description  per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF44 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF44 Datasheet HTML 1Page - Leshan Radio Company SF44 Datasheet HTML 2Page - Leshan Radio Company SF44 Datasheet HTML 3Page - Leshan Radio Company SF44 Datasheet HTML 4Page - Leshan Radio Company SF44 Datasheet HTML 5Page - Leshan Radio Company SF44 Datasheet HTML 6Page - Leshan Radio Company SF44 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD, molded plastic
Terminals: Plated axial leads, solderable per
We declare that the material of product
MIL-STD-750, Method 2026
compliance with ROHS requirements
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.038 oz., 1.03 g
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF41
SF42
SF43
SF44
SF45
SF46
SF48
Unit
device marking code
SF41
SF42
SF43
SF44
SF45
SF46
SF48
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
600V
Maximum RSM voltage
VRSM
35
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum DC blocking voltage temperature
TA
°C
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF41
SF42
SF43
SF44
SF45
SF46
SF48
Unit
Maximum instantaneous forward voltage at 4.0A
VF
1.7
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
30
per Fast Plastic Rectifiers
Reverse Voltage 50 to 600V Forward Current 4.0A
4.0
150
150
SF41 thru SF48
50
35
10
200
0.95
1.25
20
–50 to +150
–50 to +150


Similar Part No. - SF44

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF44 MOSPEC-SF44 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
logo
GOOD-ARK Electronics
SF44 GOOD-ARK-SF44 Datasheet
173Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
logo
Rectron Semiconductor
SF44 RECTRON-SF44 Datasheet
41Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE 200 Volts CURRENT 4.0 Amperes
logo
Vanlong Technology Co.,...
SF446A VANLONG-SF446A Datasheet
143Kb / 2P
446.00 MHz SAW Filter
SF446B VANLONG-SF446B Datasheet
92Kb / 2P
446.00 MHz SAW Filter
More results

Similar Description - SF44

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR405 DACHANG-MUR405 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Leshan Radio Company
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41G LRC-SF41G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Cystech Electonics Corp...
MUR460SB CYSTEKEC-MUR460SB Datasheet
418Kb / 6P
Ultra-fast Plastic Rectifiers Reverse Voltage 600V Forward Current 4A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com