Electronic Components Datasheet Search
  English  ▼

X  

SF61 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF61
Description  Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF61 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF61 Datasheet HTML 1Page - Leshan Radio Company SF61 Datasheet HTML 2Page - Leshan Radio Company SF61 Datasheet HTML 3Page - Leshan Radio Company SF61 Datasheet HTML 4Page - Leshan Radio Company SF61 Datasheet HTML 5Page - Leshan Radio Company SF61 Datasheet HTML 6Page - Leshan Radio Company SF61 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC R-6 molded plastic
Terminals: Plated axial leads, solderable per
We declare that the material of product compliance
MIL-STD-750, Method 2026
with ROHS requirements
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.042 oz., 1.19 g
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF61
SF62
SF63
SF64
SF65
SF66
SF67
SF68
Unit
device marking code
SF61
SF62
SF63
SF64
SF65
SF66
SF67
SF68
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600V
Maximum RSM voltage
VRSM
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
R
θJ
A
°C/W
Maximum DC blocking voltage temperature
TA
°C
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF61
SF62
SF63
SF64
SF65
SF66
SF67
SF68
Unit
Maximum instantaneous forward voltage at 6.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
SF61 thru SF68
Super Fast Plastic Rectifiers
Reverse Voltage 50 to 600V Forward Current 6.0A
10
200
1.25
0.95
–50 to +150
–50 to +150
1.7
5.0
150
20
150
35
190


Similar Part No. - SF61

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF61 WTE-SF61 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF61 JGD-SF61 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF61 BYTES-SF61 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Diodes Incorporated
SF61 DIODES-SF61 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
Formosa MS
SF61 FORMOSA-SF61 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF61

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF61 DACHANG-SF61 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF31G LRC-SF31G Datasheet
75Kb / 3P
Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41 LRC-SF41 Datasheet
206Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF601G LRC-SF601G Datasheet
179Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Cystech Electonics Corp...
SF560 CYSTEKEC-SF560 Datasheet
348Kb / 3P
Super-fast Plastic Rectifiers Reverse Voltage 400V to 600V Forward Current 5A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com