Electronic Components Datasheet Search
  English  ▼

X  

SF46G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF46G
Description  Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF46G Datasheet(HTML) 1 Page - Leshan Radio Company

  SF46G Datasheet HTML 1Page - Leshan Radio Company SF46G Datasheet HTML 2Page - Leshan Radio Company SF46G Datasheet HTML 3Page - Leshan Radio Company SF46G Datasheet HTML 4Page - Leshan Radio Company SF46G Datasheet HTML 5Page - Leshan Radio Company SF46G Datasheet HTML 6Page - Leshan Radio Company SF46G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Glass passivated chip
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD, molded plastic
We declare that the material of product compliance
Terminals: Plated axial leads, solderable per
with ROHS requirements
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.038 oz., 1.03 g
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
SF41G SF42G SF43G SF44G SF45G SF46G SF48G
Unit
SF41G SF42G SF43G SF44G SF45G SF46G SF48G
VRRM
50
100
150
200
300
400
600V
VRSM
35
70
105
140
210
280
420V
VDC
50
100
150
200
300
400
600V
IF(AV)
A
IFSM
A
TA
°C
R
θJA
°C/W
TJ
°C
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
SF41G SF42G SF43G SF44G SF45G SF46G SF48G
Unit
VF
1.7V
IR
µA
trr
ns
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
10
100
35
30
Typical junction capacitance at 4.0V, 1MHz
Typical thermal resistance (Note 2)
Operating junction temperature range
Storage temperature range
Parameter Symbol
–50 to +150
0.95
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
20
–50 to +150
150
150
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum DC blocking voltage temperature
Glass Passivated Junction Ultra Fast Rectifiers
Reverse Voltage 50 to 600V Forward Current 4.0A
1.25
4.0
50
Maximum RSM voltage
Maximum repetitive peak reverse voltage
Parameter Symbol
Marking spec
SF41G thru SF48G
Maximum instantaneous forward voltage at 4.0A
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 125
°C
Typical reverse recovery time (Note 1)


Similar Part No. - SF46G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF46G TSC-SF46G Datasheet
273Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF46G TSC-SF46G Datasheet
573Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF46G MCC-SF46G Datasheet
379Kb / 2P
4 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Shenzhen Luguang Electr...
SF46G LUGUANG-SF46G Datasheet
189Kb / 2P
4.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF46G TSC-SF46G Datasheet
426Kb / 4P
4.0AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF46G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF601G LRC-SF601G Datasheet
179Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
UG4A LRC-UG4A Datasheet
190Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 4.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com