Electronic Components Datasheet Search
  English  ▼

X  

UG4D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # UG4D
Description  Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 4.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UG4D Datasheet(HTML) 1 Page - Leshan Radio Company

  UG4D Datasheet HTML 1Page - Leshan Radio Company UG4D Datasheet HTML 2Page - Leshan Radio Company UG4D Datasheet HTML 3Page - Leshan Radio Company UG4D Datasheet HTML 4Page - Leshan Radio Company UG4D Datasheet HTML 5Page - Leshan Radio Company UG4D Datasheet HTML 6Page - Leshan Radio Company UG4D Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Glass passivated chip
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD, molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
We declare that the material of product compliance
Mounting Position: Any
with ROHS requirements
Weight: 0.038oz., 1.03g
Handling precautin:None
1.Electrical Characteristic
Maximum& Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum repetitive peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55
°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 75°C
IR(AV)
µA
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum Instantaneous Forward Voltage
(IF = 4.0 Amps, TJ = 25
°C)
VF
V
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths
(Rated dc Voltage, TJ = 100
°C)
(Rated dc Voltage, TJ = 25
°C)
IR
µA
Maximum reverse recovery time (Note 1)
Trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
100
105
150
100
UG4A thru UG4D
Glass Passivated Junction Ultra Fast Rectifiers
Reverse Voltage 50 to 200V Forward Current 4.0A
UG4A
UG4B
UG4C
UG4D
0.95
200
5.0
20
20
4.0
150
200
140
200
150
50
35
50
70
25
–50 to +150
100
UG2A
UG2B
UG2C
UG2D


Similar Part No. - UG4D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG4D GE-UG4D Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG4D VISHAY-UG4D Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG4D SEMTECH_ELEC-UG4D Datasheet
222Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Gulf Semiconductor
UG4D GULFSEMI-UG4D Datasheet
197Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?200V CURRENT竊?4.0A
logo
Vishay Siliconix
UG4D VISHAY-UG4D Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
More results

Similar Description - UG4D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
LUR4100 LRC-LUR4100 Datasheet
184Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 4.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41G LRC-SF41G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
UG2A LRC-UG2A Datasheet
177Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 2.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com