Electronic Components Datasheet Search
  English  ▼

X  

UGP30F Datasheet(PDF) 1 Page - Leshan Radio Company

Part # UGP30F
Description  Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current3.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UGP30F Datasheet(HTML) 1 Page - Leshan Radio Company

  UGP30F Datasheet HTML 1Page - Leshan Radio Company UGP30F Datasheet HTML 2Page - Leshan Radio Company UGP30F Datasheet HTML 3Page - Leshan Radio Company UGP30F Datasheet HTML 4Page - Leshan Radio Company UGP30F Datasheet HTML 5Page - Leshan Radio Company UGP30F Datasheet HTML 6Page - Leshan Radio Company UGP30F Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching
* power supplies, inverters and as free wheeling diodes
* Ultrafast recovery time for high efficiency
* Excellent high temperature switching
* Soft recovery characteristics
* Cavity-free glass passivated junction
* High temperature soldering guaranteed:
* 260°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
Case
: JEDEC DO-201AD, molded plastic over glass DIE
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.038 oz., 1.03 g
Handling precautin
:None
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25
°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
UGP30
A
UGP30
B
UGP30
D
UGP30
F
UGP30
G
UGP30
J
UGP30
K
Unit
device marking code
UGP30
A
UGP30
B
UGP30
D
UGP30F UGP30
G
UGP30J UGP30
K
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA =55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°C
IR(AV)
µ
A
Typical thermal resistance (Note 2)
RθJA
°
C/W
Operating junction and storage temperature range
TJ, TSTG
°
C
Electrical Characteristics Ratings at 25
°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
UGP30
A
UGP30
B
UGP30
D
UGP30
F
UGP30
G
UGP30
J
UGP30
K
Unit
Maximum instantaneous forward voltage at 3.0A
V
1.70 2.20V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 125°C
IR
µ
A
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
UGP30A thru UGP30K
Glass Passivated Junction Ultra Fast Rectifiers
Reverse Voltage 50 to 800V Forward Current3.0A
35
35
3.0
0.95
1.25
115
125
20
–
50 to +150
100
5
100
We declare that the material of product
compliance with ROHS requirements


Similar Part No. - UGP30F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP30F ZOWIE-UGP30F Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP30F BILIN-UGP30F Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UGP30F LUGUANG-UGP30F Datasheet
177Kb / 2P
Super Fast Rectifiers
logo
Diode Semiconductor Kor...
UGP30F DSK-UGP30F Datasheet
282Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - UGP30F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
UG2A LRC-UG2A Datasheet
177Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 2.0A
UGP10A LRC-UGP10A Datasheet
183Kb / 7P
Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
UGP20A LRC-UGP20A Datasheet
203Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com