Electronic Components Datasheet Search
  English  ▼

X  

FP7275 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP7275
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP7275 Datasheet(HTML) 1 Page - API Technologies Corp

  FP7275 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5-250 MHz
5-250 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point....... +33 dBm (Typ.)
Second Order Two Tone Intercept Point........ +27 dBm (Typ.)
Third Order Two Tone Intercept Point............ +22 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15 Min.
m A
24
27 Max.
RF AMPLIFIER
MODEL
TM7275
Available as:
TM7275, 4 Pin TO-8 (T4)
TN7275, 4 Pin Surface Mount (SM3)
FP7275, 4 Pin Flatpack (FP4)
BX7275,Connectorized Housing (H1)
Features
!
!
!
!
! High Gain: 20.5 dB Typical
!
!
!
!
! Low noise Figure: 2.5 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
2.5
3.5 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-25
-22 Max.
Power @ 1 dB
Comp. (dBm)
+9.5
+8.0 Min.
Gain (dB)
20.5
19.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
6/30/04
2.0
1.5
1.0
2.0
1.5
1.0
1.5
3.5
2.5
22
20
18
+12
+11
+10
+ 9
+ 8
0
- 10
- 20
- 30
- 40
21
19
Start 5 MHz
Stop 250 MHz
Start 5 MHz
Stop 250 MHz
Start 5 MHz
Stop 250 MHz
Start 5 MHz
Stop 250 MHz
Start 5 MHz
Stop 250 MHz
Start 5 MHz
Stop 250 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - FP7275

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7270 APITECH-FP7270 Datasheet
78Kb / 1P
RF AMPLIFIER MODEL
FP7271 APITECH-FP7271 Datasheet
75Kb / 1P
RF AMPLIFIER MODEL
FP7272 APITECH-FP7272 Datasheet
63Kb / 1P
RF AMPLIFIER MODEL
FP7274 APITECH-FP7274 Datasheet
69Kb / 1P
RF AMPLIFIER MODEL
FP7277 APITECH-FP7277 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7275

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com