Electronic Components Datasheet Search
  English  ▼

X  

STC403F Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STC403F
Description  NPN Silicon Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC403F Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STC403F Datasheet HTML 1Page - KODENSHI_AUK CORP. STC403F Datasheet HTML 2Page - KODENSHI_AUK CORP. STC403F Datasheet HTML 3Page - KODENSHI_AUK CORP. STC403F Datasheet HTML 4Page - KODENSHI_AUK CORP. STC403F Datasheet HTML 5Page - KODENSHI_AUK CORP. STC403F Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T5B015-001
1
STC403F
NPN Silicon Transistor
SOT-89
PIN Connection
Applications
• Power amplifier application
• High current switching application
Features
• Power transistor General Purpose application
• Low saturation voltage
: VCE(sat)=0.4V(Typ.)
• High Voltage: VCEO= 60V Min
Ordering Information
Absolute Maximum Ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Collector-Base voltage
VCBO
80
V
Collector-Emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5
V
IC
3
A(DC)
Collector current
ICP*
6
A(Pulse)
PC
0.5
Collector Power dissipation
PC**
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
** : When mounted on ceramic substrate(250 ㎟×0.8t)
Type No.
Marking
Package Code
STC403F
C403
YWW
SOT-89
C403: DEVICE CODE, YWW(Y : Year code, WW : Weekly code)


Similar Part No. - STC403F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STC403F KODENSHI-STC403F Datasheet
351Kb / 6P
NPN Silicon Transistor
More results

Similar Description - STC403F

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com