Electronic Components Datasheet Search
  English  ▼

X  

74LS190 Datasheet(PDF) 9 Page - Motorola, Inc

Part # 74LS190
Description  PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS190 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button 74LS190 Datasheet HTML 2Page - Motorola, Inc 74LS190 Datasheet HTML 3Page - Motorola, Inc 74LS190 Datasheet HTML 4Page - Motorola, Inc 74LS190 Datasheet HTML 5Page - Motorola, Inc 74LS190 Datasheet HTML 6Page - Motorola, Inc 74LS190 Datasheet HTML 7Page - Motorola, Inc 74LS190 Datasheet HTML 8Page - Motorola, Inc 74LS190 Datasheet HTML 9Page - Motorola, Inc 74LS190 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
5-349
FAST AND LS TTL DATA
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
9.80
3.80
1.35
0.35
0.40
0.19
0.10
0°
5.80
0.25
10.00
4.00
1.75
0.49
1.25
0.25
0.25
7°
6.20
0.50
0.386
0.150
0.054
0.014
0.016
0.008
0.004
0°
0.229
0.010
0.393
0.157
0.068
0.019
0.049
0.009
0.009
7°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. 751B01 IS OBSOLETE, NEW STANDARD
751B03.
1
8
9
16
-A-
-B-
P
16 PL
D
-T-
K
C
G
M
R X 45
°
F
J
8 PL
SEATING
PLANE
Case 751B-03 D Suffix
16-Pin Plastic
SO-16
B
0.25 (0.010) M
M
T
0.25 (0.010)
B
A
M
S
S
Case 648-08 N Suffix
16-Pin Plastic
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
H
J
K
L
M
S
18.80
6.35
3.69
0.39
1.02
0.21
2.80
7.50
0°
0.51
19.55
6.85
4.44
0.53
1.77
0.38
3.30
7.74
10°
1.01
0.740
0.250
0.145
0.015
0.040
0.008
0.110
0.295
0°
0.020
0.770
0.270
0.175
0.021
0.070
0.015
0.130
0.305
10°
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L" TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B" DOES NOT INCLUDE MOLD
FLASH.
5. ROUNDED CORNERS OPTIONAL.
6. 64801 THRU 07 OBSOLETE, NEW STANDARD
64808.
2.54 BSC
1.27 BSC
0.100 BSC
0.050 BSC
-A-
B
1
8
9
16
F
H
G
D
16 PL
S
C
-T- SEATING
PLANE
K
J
M
L
T A
0.25 (0.010) M
M
Case 620-09 J Suffix
16-Pin Ceramic Dual In-Line
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
19.05
6.10
0.39
1.40
0.23
0°
0.39
19.55
7.36
4.19
0.53
1.77
0.27
5.08
15°
0.88
0.750
0.240
0.015
0.055
0.009
0°
0.015
0.770
0.290
0.165
0.021
0.070
0.011
0.200
15°
0.035
1.27 BSC
2.54 BSC
7.62 BSC
0.050 BSC
0.100 BSC
0.300 BSC
A
B
C
D
E
F
G
J
K
L
M
N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIM F MAY NARROW TO 0.76 (0.030) WHERE
THE LEAD ENTERS THE CERAMIC BODY.
5. 62001 THRU 08 OBSOLETE, NEW STANDARD
62009.
-B-
-A-
16 PL
-T-
C
D
E
F
G
J
K
M
N
SEATING
PLANE
16 PL
L
16
9
1
8
0.25 (0.010)
T A
M
S
0.25 (0.010)
T B
M
S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com