Electronic Components Datasheet Search
  English  ▼

X  

STS9012 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STS9012
Description  PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STS9012 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STS9012 Datasheet HTML 1Page - KODENSHI_AUK CORP. STS9012 Datasheet HTML 2Page - KODENSHI_AUK CORP. STS9012 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-9015-000
2
STS9012
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-40
V
Collector-Emitter voltage
VCEO
-30
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-500
mA
Emitter current
IE
500
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector cut-off current
I
CBO
V
CB=-35V, IE=0
-
-
-0.1
µA
Emitter cut-off current
I
EBO
V
EB=-5V, IC=0
-
-
-0.1
µA
DC current gain
h
FE
*
V
CE=-1V, IC=-50mA
96
-
246
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=-100mA, IB=-10mA
-
-0.1
-0.25
V
Base-Emitter voltage
V
BE
V
CE=-1V, IC=-100mA
-
-0.8
-1.0
V
Transistor frequency
f
T
V
CE=-6V, IC=-20mA
150
-
-
MHz
Collector output capacitance
C
ob
V
CB=-6V, f=1MHz
-
7
-
pF
*
: h
FE rank / F : 96~135, G : 118~166, H : 144~202, I : 176~246.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com