Electronic Components Datasheet Search
  English  ▼

X  

ACE184 Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # ACE184
Description  12Vdc distributed power architectures Mid-End Blade Network Equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE184 Datasheet(HTML) 2 Page - Lineage Power Corporation

  ACE184 Datasheet HTML 1Page - Lineage Power Corporation ACE184 Datasheet HTML 2Page - Lineage Power Corporation ACE184 Datasheet HTML 3Page - Lineage Power Corporation ACE184 Datasheet HTML 4Page - Lineage Power Corporation ACE184 Datasheet HTML 5Page - Lineage Power Corporation ACE184 Datasheet HTML 6Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GE Energy
Preliminary Data Sheet
ACE184 Series Power Shelf
Main Output: 600A; Standby output: 8A
October 29, 2012
©2012 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Operating Ambient Temperature
All
TA
-10
70
°C
Storage Temperature
All
Tstg
-40
85
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
OUTPUT
Main output
All
I
out
0
600
Adc
Standby Output
All
Iout
0
8
Adc
Isolation1
Output - Ground
All
500
Vdc
Port
Phenomena
test
criteria
Reference standard
Enclosure
ESD (immunity)
8 kVair 4 kVcontact
A
EN 61000-4-2
1 Isolation in the context of this data sheet documents the capability of the shelf. Actual isolation capability may be further reduced by the isolation
capability of the utilized modules. Consult the module data sheet for actual capability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com