Electronic Components Datasheet Search
  English  ▼

X  

PCM3003E Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003E
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003E Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM3003E Datasheet HTML 1Page - Burr-Brown (TI) PCM3003E Datasheet HTML 2Page - Burr-Brown (TI) PCM3003E Datasheet HTML 3Page - Burr-Brown (TI) PCM3003E Datasheet HTML 4Page - Burr-Brown (TI) PCM3003E Datasheet HTML 5Page - Burr-Brown (TI) PCM3003E Datasheet HTML 6Page - Burr-Brown (TI) PCM3003E Datasheet HTML 7Page - Burr-Brown (TI) PCM3003E Datasheet HTML 8Page - Burr-Brown (TI) PCM3003E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
®
1
PCM3002/3003
PCM3002
PCM3003
®
PCM3002
PCM3003
FEATURES
q MONOLITHIC 20-BIT
∆Σ ADC AND DAC
q 16-/20-BIT INPUT/OUTPUT DATA
q SOFTWARE CONTROL: PCM3002
q HARDWARE CONTROL: PCM3003
q STEREO ADC:
Single-Ended Voltage Input
64 X Oversampling
High Performance
THD+N: –86dB
SNR: 90dB
Dynamic Range: 90dB
q STEREO DAC:
Single-Ended Voltage Output
Analog Low Pass Filter
64X Oversampling
High Performance
THD+N: –86dB
SNR: 94dB
Dynamic Range: 94dB
q SPECIAL FEATURES
Digital De-emphasis
Digital Attenuation (256 Steps)
Soft Mute
Digital Loop Back
Power Down: ADC/DAC Independent
q SAMPLING RATE: Up to 48kHz
q SYSTEM CLOCK: 256f
S, 384fS, 512fS
q SINGLE +3V POWER SUPPLY
q SMALL PACKAGE: SSOP-24
16-/20-Bit Single-Ended Analog Input /Output
STEREO AUDIO CODECs
TM
DESCRIPTION
The PCM3002 and PCM3003 are low cost single chip
stereo audio CODECs (analog-to-digital and digital-to-
analog converters) with single-ended analog voltage
input and output.
The ADCs and DACs employ delta-sigma modulation
with 64X oversampling. The ADCs include a digital
decimation filter, and the DACs include an 8X
oversampling digital interpolation filter. The DACs
also include digital attenuation, de-emphasis, infinite
zero detection and soft mute to form a complete
subsystem. PCM3002 and PCM3003 operate with
left-justified, and right-justified formats, while the
PCM3002 also supports the I2S data format.
PCM3002 and PCM3003 provide a power-down mode
that operates on the ADCs and DACs independently.
Fabricated on a highly advanced CMOS process,
PCM3002 and PCM3003 are suitable for a wide vari-
ety of cost-sensitive consumer applications where good
performance is required.
PCM3002’s programmable functions are controlled
by software and the PCM3003’s functions include de-
emphasis, power down, and audio data format selec-
tions, which are controlled by hardware.
© 1997 Burr-Brown Corporation
PDS-1414C
Printed in U.S.A. January, 2000
Lch In
Rch In
Analog Front-End
Delta-Sigma
Modulator
Digital
Decimation
Filter
Serial Interface
and
Mode Control
Digital Out
Digital In
Serial Mode Control
System Clock
Lch Out
Rch Out
Low Pass Filter
and
Output Buffer
Multi-Level
Delta-Sigma
Modulator
Digital
Interpolation
Filter
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com


Similar Part No. - PCM3003E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003E BURR-BROWN-PCM3003E Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
logo
Texas Instruments
PCM3003E TI2-PCM3003E Datasheet
601Kb / 42P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
REVISED OCTOBER 2004
PCM3003E.B TI2-PCM3003E.B Datasheet
601Kb / 42P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
REVISED OCTOBER 2004
logo
Burr-Brown (TI)
PCM3003E/2K BURR-BROWN-PCM3003E/2K Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
logo
Texas Instruments
PCM3003E/2K TI2-PCM3003E/2K Datasheet
601Kb / 42P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
REVISED OCTOBER 2004
More results

Similar Description - PCM3003E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
logo
Texas Instruments
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
Single-Ended Analog Input/Output
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com