Electronic Components Datasheet Search
  English  ▼

X  

PCM61 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM61
Description  Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM61 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM61 Datasheet HTML 1Page - Burr-Brown (TI) PCM61 Datasheet HTML 2Page - Burr-Brown (TI) PCM61 Datasheet HTML 3Page - Burr-Brown (TI) PCM61 Datasheet HTML 4Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
®
PCM61P
4
MSB ERROR ADJUSTMENT PROCEDURE
(OPTIONAL)
The MSB error of the PCM61P can be adjusted to make the
differential linearity error (DLE) at BPZ essentially zero. This
is important when the signal output levels are very low,
because zero crossing noise (DLE at BPZ) becomes very
significant when compared to the small code changes occur-
ring in the LSB portion of the converter.
To statically adjust DLE at BPZ, refer to the circuit shown in
Figure 3 or the PCM61P connection diagram.
Differential linearity error at bipolar zero and THD are guar-
anteed to meet data sheet specifications without any external
adjustment. However, a provision has been made for an
optional adjustment of the MSB linearity point, which makes
it possible to eliminate DLE error at BPZ. Two procedures are
given to allow either static or dynamic adjustment. The
dynamic procedure is preferred because of the difficulty
associated with the static method (accurately measuring 16-
bit LSB steps).
After allowing ample warm-up time (5-10 minutes) to assure
stable operation of the PCM61P, select input code 3FFFF
hexadecimal (all bits on except the MSB). Measure the output
voltage using a 6-1/2 digit voltmeter and record it. Change the
digital input code to 00000 hexadecimal (all bits off except the
MSB). Adjust the 100k
Ω potentiometer to make the output
read 22.9
µV more than the voltage reading of the previous
code (a 1LSB step = 22.9
µV). A much simpler method is to
dynamically adjust the DLE at BPZ. Assuming the device has
been installed in a digital audio application circuit, send the
appropriate digital input to produce a –60dB level sinusoidal
output, then adjust the 100k
Ω potentiometer until a minimum
level of distortion is observed.
Data
Input
> One Clock Cycle
> One Clock Cycle
LSB
MSB
>25ns
>25ns
>25ns
>60ns
>5ns
>15ns
Clock
Input
Latch
Enable
>15ns >15ns
FIGURE 2. PCM61P Setup and Hold Timing Diagram.
NOTES: (1) If clock is stopped between input of 18-bit data words, latch enable (LE) must remain low until after the first clock of the next 18-bit data word stream.
(2) Data format is binary two‘s complement (BTC). Individual data bits are clocked in on the corresponding positive clock edge. (3) Latch enable (LE) must remain
low at least one clock cycle after going negative. (4) Latch enable (LE) must be high for at least one clock cycle before going negative.
FIGURE 1. PCM61P Timing Diagram.
MAXIMUM CLOCK RATE
The maximum clock rate of 16.9MHz for the PCM61P is
derived by multiplying the standard audio sample rate of
44.1kHz times sixteen (16 x oversampling) times the standard
audio word bit length of 24 (44.1kHz x 16 x 24 = 16.9MHz).
Note that this clock rate accommodates a 24-bit word length,
even though only 18 bits are actually being used.
100k
Trim 15
Ω
MSB Adjust 14
1 –V
S
200k
Ω
470k
Ω
FIGURE 3. MSB Adjust Circuit.
1
MSB
23
4
1011121314151617
18
LSB
1
P16 (Clock)
P18 (Data)
P17 (Latch Enable)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com