Electronic Components Datasheet Search
  English  ▼

X  

CPL Datasheet(PDF) 14 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 14 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation CPL Datasheet HTML 11Page - Lineage Power Corporation CPL Datasheet HTML 12Page - Lineage Power Corporation CPL Datasheet HTML 13Page - Lineage Power Corporation CPL Datasheet HTML 14Page - Lineage Power Corporation CPL Datasheet HTML 15Page - Lineage Power Corporation CPL Datasheet HTML 16Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Compact Power Line, CPB-CPL
|
GECriticalPower.com
14
Power Module
Output Power/Input Voltage
Output Voltage
Protection
Physical
CP2000AC54TEZ/TEP
2000W / 200-277VAC
1200W / 100-120VAC
Hardware set
44 - 58Vdc
Software set
42 - 58Vdc
15A breaker, 14 gauge wire
Length: 13.85”/351.8mm
Width: 4.00”/101.6mm
Height: 1.66”/42.2mm
Weight: 4.6lb/2.1kg
CP2500DC54PEZ
2500W / 40-72VDC
70A breaker, 8 gauge wire
CP2725AC54TEZ/TEP
2725W / 200-277VAC
1200W / 100-120VAC
20A breaker, 12 gauge wire
CP2000DC54-PE
2000W / 40-72VDC
60A breaker, 8 gauge wire
Mechanical
J85480S-1
J2007001
Height
1.71inches/43.4mm
1.71 inches/43.4mm
Width (with mounting ears)
19 inches/483mm
19 inches/483mm
Depth
16.25 inches/413mm
17.06 inches/433mm
Weight(withoutrectifiers)
9.25lbs/4.2kg
8.75lbs/4.0kg
Environmental
J85480S-1
J2007001
Operating Temperature Range
List 14
: -40°C to 75°C (-40 to 167 °F)
Lists 20, 21:
-40°C to 25°C (-40 to 77 °F)
[Commercial 60°C C19 AC cord]
-40°C to 55°C (-40 to 131 °F)
[High Temp C19 AC cord]
Lists 23:
-40°C to 25°C (-40 to 77 °F)
[Commercial 60°C C13 AC cord]
-40°C to 55°C (-40 to 131 °F)
[High Temp C13 AC cord]
Lists 6
:
-40°C to 25°C (-40 to 77 °F)
[Commercial 60°C C19 AC cord]
-40°C to 55°C (-40 to 131 °F)
[High Temp C19 AC cord]
Lists 3, 4
: -40°C to 55°C (-40 to 131 °F)
Operating Relative Humidity
0 - 95% (non-condensing)
Storage Temperature Range
-40°C to 85°C (-40 to 185 °F)
EMC
FCC, EN 55022, CISPR22, Level A, conducted and radiated
Immunity
EN55024 (CISPR24) Class A, conducted and radiated
Safety/Standards Compliance
J85480S-1
J2007001
Safety Standards
CAN/CSA C22.2 No. 60950-1-03, UL 60950-1, 1st Edition
VDE IEC 60950-1, 1st Edition
CertificationMarks
Lists 14, 20, 21, 23
VDE
Lists 14
UL Recognized (Canada and U.S.)
Lists 20, 21, 23
UL Listed (Canada and U.S.)
Lists 4, 6
VDE
Lists 4
UL Recognized (Canada and U.S.)
Lists 6
UL Listed (Canada and U.S.)
Specifications
Rectifiers
Shelves
NOTES: PE suffix denotes PoE compliance. Z suffix denotes RoHS 6 compliance. TE suffix denotes Total Efficiency* architecture.
Note: All GE CP AC cords are High Temperature cords.
Battery Management Accessories
A: QS873A Thermal Probe
CC109142980
B: 10’ probe to controller wireset
CC848817024
C: 1’ probe to probe wireset
CC848822560
C: 5’ probe to probe wireset
848719803
C: 10’ probe to probe wireset
CC848822321
ES771A Voltage Monitor Card
108958422
D: 2 ½ ‘ ES771A to probe wireset
CC848791517
D: 6’ ES771A to probe wireset
CC848797290
D: 10’ ES771A to probe wireset
848719829
G: 4’ ES771A to ES771A or controller wireset
CC848791500
G: 10’ ES771A to ES771A or controller wireset
848652947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com