Electronic Components Datasheet Search
  English  ▼

X  

BPW34-BS Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPW34-BS
Description  Silizium-PIN-Fotodiode mit erh철hter Blauempfindlichkeit; in SMT Silicon PIN Photodiode with Enhanced Blue Sensitivity; in SMT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34-BS Datasheet(HTML) 1 Page - OSRAM GmbH

  BPW34-BS Datasheet HTML 1Page - OSRAM GmbH BPW34-BS Datasheet HTML 2Page - OSRAM GmbH BPW34-BS Datasheet HTML 3Page - OSRAM GmbH BPW34-BS Datasheet HTML 4Page - OSRAM GmbH BPW34-BS Datasheet HTML 5Page - OSRAM GmbH BPW34-BS Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BPW 34 B
BPW 34 BS
Silizium-PIN-Fotodiode mit erhöhter Blauempfindlichkeit; in SMT
Silicon PIN Photodiode with Enhanced Blue Sensitivity; in SMT
2002-01-24
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 350 nm bis 1100 nm
• Kurze Schaltzeit (typ. 25 ns)
• DIL-Plastikbauform mit hoher Packungsdichte
Anwendungen
• Lichtschranken für Gleich- und
Wechsellichtbetrieb im sichtbaren Lichtbereich
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
BPW 34 B
Q62702-P945
BPW 34 BS
Q62702-P1601
Features
• Especially suitable for applications from
350 nm to 1100 nm
• Short switching time (typ. 25 ns)
• DIL plastic package with high packing density
Applications
• Photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - BPW34-BS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW34-FA. OSRAM-BPW34-FA. Datasheet
68Kb / 6P
BPW 34 FA, BPW 34 FAS, BPW 34 FAS (E9087)
2000-01-01
More results

Similar Description - BPW34-BS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX60 SIEMENS-BPX60 Datasheet
199Kb / 4P
Silizium-Fotodiode mit erhohter Blauempfindlichkeit Silicon Photodiode with Enhanced Blue Sensitive
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
SFH205F SIEMENS-SFH205F Datasheet
72Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
KOM2125 OSRAM-KOM2125_01 Datasheet
195Kb / 5P
2fach-Silizium-PIN Fotodiode in SMT
BPW34B OSRAM-BPW34B_02 Datasheet
70Kb / 6P
Silizium-PIN-Fotodiode mit erhohter Blauempfindlichkeit
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com