Electronic Components Datasheet Search
  English  ▼

X  

BPX38-4 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # BPX38-4
Description  Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX38-4 Datasheet(HTML) 2 Page - OSRAM GmbH

  BPX38-4 Datasheet HTML 1Page - OSRAM GmbH BPX38-4 Datasheet HTML 2Page - OSRAM GmbH BPX38-4 Datasheet HTML 3Page - OSRAM GmbH BPX38-4 Datasheet HTML 4Page - OSRAM GmbH BPX38-4 Datasheet HTML 5Page - OSRAM GmbH BPX38-4 Datasheet HTML 6Page - OSRAM GmbH BPX38-4 Datasheet HTML 7Page - OSRAM GmbH BPX38-4 Datasheet HTML 8Page - OSRAM GmbH BPX38-4 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2014-01-14
2
Version 1.1
BPX 38
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Type:
Photocurrent
Ordering Code
Typ:
Fotostrom
Bestellnummer
λ = 950 nm, Ee = 0.5 mW/cm2, VCE = 5 V
IPCE [µA]
BPX 38
≥ 200
Q62702P0015
BPX 38-2/3
200 ... 630
Q62702P3578
BPX 38-3
320 ... 630
Q62702P0015S003
BPX 38-4
500 ... 1000
Q62702P0015S004
Note: Only one bin within one packing unit (variation less than 2:1)
Anm.: Nur eine Gruppe pro Verpackungseinheit (Streuung kleiner 2:1)
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 125
°C
Collector-emitter voltage
Kollektor-Emitter-Spannung
VCE
50
V
Collector current
Kollektorstrom
IC
50
mA
Collector surge current
Kollektorspitzenstrom
(τ < 10 µs)
ICS
200
mA
Emitter-base voltage
Emitter-Basis-Spannung
VEB
7V
Total power dissipation
Verlustleistung
Ptot
220
mW
Thermal resistance
Wärmewiderstand
RthJA
450
K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com