Electronic Components Datasheet Search
  English  ▼

X  

B1S Datasheet(PDF) 2 Page - Bytes

Part # B1S
Description  MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

B1S Datasheet(HTML) 2 Page - Bytes

  B1S Datasheet HTML 1Page - Bytes B1S Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (B1S THRU B8S)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
30
24
18
12
6
1
2
4
6 8 10
20
40 60 80 100
NUMBER OF CYCLES AT 60Hz
FIG.2-DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
1.0
.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE, ¢J
10
1.0
0.1
.01
0
.4
.6
8
1.0
1.2
1.4
TJ = 25¢J
PULSE WIDTH = 200uS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
4
1.0
.4
.1
.04
.01
0
20
40
60
80
100
120
140
TA = 25¢J
TA = 100¢J
PERCENT OF PEAK REVERSE VOLTAGE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com