Electronic Components Datasheet Search
  English  ▼

X  

FP6345PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP6345PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP6345PM Datasheet(HTML) 1 Page - API Technologies Corp

  FP6345PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +54 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +46 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +33 dBm (Typ.)
Available as:
TM6345PM, 4 Pin TO-8 (T4)
TN6345PM, 4 Pin Surface Mount (SM3)
FP6345PM, 4 Pin Flatpack (FP4)
BX6345PM, Connectorized Housing (H1)
Features
!
!
!
!
! Superior Phase Noise Performance
!
!
!
!
! Output Power: +17 dBm Typical
!
!
!
!
! Low Noise Figure: 2.5 dB Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ............. 50 mW (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Guaranteed Phase Noise Performance (dBc/Hz)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Guarantee (min.)
*
RF AMPLIFIER
MODEL
TM6345PM
Residual Phase Noise Test Conditions:
! Carrier Frequency: 600 MHz
! Power Output +17.0 dBm
! Temperature: 25 oC
!
!
!
!
! Agilent ES5500 System
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
-175
-172
-160
-168
-170
-175
-156
-172
-172
-175
09/28/05
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
10 - 1100 MHz
10 - 1100 MHz
Gain (dB)
12.3
10.5
Power @ 1 dB
Comp. (dBm)
+17.0
+15.0 Min.
Reverse
Isolation (dB)
- 13.5
- 12 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.75:1
3.0:1 Max.
Noise Figure (dB)
2.5
4.0 Max.
Power
Vdc
+15
+15
mA
45
48 Max.
10k
1k
100k
100
1M
-140
-150
-160
-170
-180
-130
_________Guarantee __ __ __ __Typical
-190
Start 10 MHz
Stop 1100 MHz
Start 10 MHz
Stop 1100 MHz
Start 10 MHz
Stop 1100 MHz
Start 10 MHz
Stop 1100 MHz
Start 10 MHz
Stop 1100 MHz
Start 10 MHz
Stop 1100 MHz
14
11
10
12
13
0
- 5
- 10
- 15
- 20
1
5
3
2
4
+20
+19
+18
+17
+16
2.0
1.5
1.0
3.0
1.5
1.0
2.0
2.5
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Noise Figure (dB)
Input VSWR
Output VSWR
Phase Noise (dBc/Hz)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - FP6345PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6345 APITECH-FP6345 Datasheet
75Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP6345PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com