Electronic Components Datasheet Search
  English  ▼

X  

BY133 Datasheet(PDF) 1 Page - Bytes

Part # BY133
Description  1.0 AMP SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

BY133 Datasheet(HTML) 1 Page - Bytes

  BY133 Datasheet HTML 1Page - Bytes BY133 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
BY127M
BY133
EM513
UNITS
1250
1300
1600
V
1250
1300
1600
V
875
910
1120
V
1.0
30
5.0
50
15
-65
+150
A
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.34 grams
BY127M, BY133, EM513
1.1
Typical Thermal Resistance R JA (Note 2)
θ
50
*
VOLTAGE RANGE
1250 to 1600 Volts
CURRENT
1.0 Ampere
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
Operating and Storage Temperature Range T , T
J
STG
C
C/W


Similar Part No. - BY133

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
1.0A SILICON RECTIFIER
logo
Jinan Gude Electronic D...
BY133 JGD-BY133 Datasheet
144Kb / 2P
0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
BY133 CHENYI-BY133 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Dc Components
BY133 DCCOM-BY133 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - BY133

ManufacturerPart #DatasheetDescription
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
UNIOHM CORPORATION
1N4001 UNIOHM-1N4001 Datasheet
65Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Daya Electric Group Co....
1N4001 DAYA-1N4001 Datasheet
264Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
List of Unclassifed Man...
204-1N400X ETC2-204-1N400X Datasheet
64Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1A1 SECOS-1A1_15 Datasheet
744Kb / 2P
1.0 AMP Silicon Rectifiers
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
1.0 AMP SILICON RECTIFIERS
EM516 DGNJDZ-EM516 Datasheet
236Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Bytesonic Electronics C...
1N4001 BYTESONIC-1N4001 Datasheet
264Kb / 2P
1.0 AMP SILICON RECTIFIERS
2013/2/27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com