Electronic Components Datasheet Search
  English  ▼

X  

BY396 Datasheet(PDF) 1 Page - Bytes

Part # BY396
Description  3.0 AMP FAST RECOVERY RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

BY396 Datasheet(HTML) 1 Page - Bytes

  BY396 Datasheet HTML 1Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.0 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
By396
BY397
BY398
By399
UNITS
100
200
400
800
V
100
200
400
800
V
70
140
280
560
3.0
200
5.0
150
60
-65
+150
V
A
A
V
mA
mA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
BY396 THRU BY399
1.25
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3.0 Ampere
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
o
250
98


Similar Part No. - BY396

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY396 PANJIT-BY396 Datasheet
60Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY396 JGD-BY396 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY396 SEMTECH-BY396 Datasheet
72Kb / 2P
FAST SILICON RECTIFIERS???
logo
Dc Components
BY396 DCCOM-BY396 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - BY396

ManufacturerPart #DatasheetDescription
logo
Bytes
FR301 BYTES-FR301 Datasheet
152Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
MR850 BYTES-MR850 Datasheet
153Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR301 FORMOSA-FR301 Datasheet
33Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR301 UNIOHM-FR301 Datasheet
66Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR301 TGS-FR301 Datasheet
658Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
FR301 LUGUANG-FR301 Datasheet
191Kb / 2P
3.0 AMP. Fast Recovery Rectifiers
logo
Nanjing International G...
FR301 DGNJDZ-FR301 Datasheet
194Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
RS3A DGNJDZ-RS3A Datasheet
50Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR301 YIXIN-FR301 Datasheet
253Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com