Electronic Components Datasheet Search
  English  ▼

X  

54LS257 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 54LS257
Description  QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54LS257 Datasheet(HTML) 3 Page - Motorola, Inc

  54LS257 Datasheet HTML 1Page - Motorola, Inc 54LS257 Datasheet HTML 2Page - Motorola, Inc 54LS257 Datasheet HTML 3Page - Motorola, Inc 54LS257 Datasheet HTML 4Page - Motorola, Inc 54LS257 Datasheet HTML 5Page - Motorola, Inc 54LS257 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-429
FAST AND LS TTL DATA
SN54/74LS257B
D SN54/74LS258B
FUNCTIONAL DESCRIPTION
The LS257B and LS258B are Quad 2-Input Multiplexers
with 3-state outputs. They select four bits of data from two
sources each under control of a Common Data Select Input.
When the Select Input is LOW, the I0 inputs are selected and
when Select is HIGH, the I1 inputs are selected. The data on
the selected inputs appears at the outputs in true (non-
inverted) form for the LS257B and in the inverted form for the
LS258B.
The LS257B and LS258B are the logic implementation of a
4-pole, 2-position switch where the position of the switch is
determined by the logic levels supplied to the Select Input. The
logic equations for the outputs are shown below:
LS257B
Za = E0 • (I1a • S + I0a • S) Zb = E0 • (I1b • S + I0b • S)
Zc = E0 • (I1c • S + I0c • S) Zd = E0 • (I1d • S + I0d • S)
When the Output Enable Input (E0) is HIGH, the outputs are
forced to a high impedance “off” state. If the outputs are tied
together, all but one device must be in the high impedance
state to avoid high currents that would exceed the maximum
ratings. Designers should ensure that Output Enable signals
to 3-state devices whose outputs are tied together are
designed so there is no overlap.
LS258B
Za = E0 • (I1a • S + I0a • S) Zb = E0 • (I1b • S + I0b • S)
Zc = E0 • (I1c • S + I0c • S) Zd = E0 • (I1d • S + I0d • S)
TRUTH TABLE
OUTPUT
ENABLE
SELECT
INPUT
DATA
INPUTS
OUTPUTS
LS257B
OUTPUTS
LS258B
EO
S
I0
I1
Z
Z
H
X
X
X
(Z)
(Z)
L
H
X
L
L
H
L
H
X
H
H
L
L
L
L
X
L
H
L
L
H
X
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
(Z) = High Impedance (off)
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54
74
– 1.0
– 2.6
mA
IOL
Output Current — Low
54
74
12
24
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com