Electronic Components Datasheet Search
  English  ▼

X  

TM6012PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM6012PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM6012PM Datasheet(HTML) 1 Page - API Technologies Corp

  TM6012PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+12
+12
mA
88
95 Max.
RF AMPLIFIER
MODEL TM6012PM
Available as:
TM6012PM, 4 Pin TO-8 (T4)
TN6012PM, 4 Pin Surface Mount (SM3)
FP6012PM, 4 Pin Flatpack (FP4)
BX6012PM, Connectorized Housing (H1)
Features
Superior Phase Noise Performance
High Output Power: +23 dBm Typical
High Third Order Intercept: +36 dBm Typical
Lower +12 volt Supply
Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 500 MHz
5 - 500 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
4.6
6.0 Max.
VSWR
In
<1.4:1
2.0:1 Max.
Out
<1.2:1
2.0:1 Max.
Reverse
Isolation (dB)
-18
-15 Max.
Power @ 1 dB
Comp. (dBm)
+23
+20 Min.
Gain (dB)
14.5
13.0 Min.
Specifications
Typical Performance Data
(Absolute) Maximum Ratings
Ambient Operating Temperature ................-55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +15 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power............. 50 mW (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Guaranteed @ 25 ºC Phase Noise Performance (dBc/Hz)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
-180
-180
-177
-175
-160
-172
-172
-152
-168
-172
Guaranteed
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ....... +56 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +50 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +36 dBm (Typ.)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Rev.
4/09/09
MTBF Calculation for Ground Benign Environment
@ 25 ºC .................................................3,721,883.58 hrs
2.0
1.5
1.0
2.0
1.5
1.0
3
7
6
5
4
16
14
12
+24
+23
+22
+21
+20
0
- 10
- 20
- 30
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
15
13
+ 10
10 k
1k
100 k
100
1M
-140
-150
-160
-170
-180
-130
__ __ __ __Typical
-190
* ResidualPhaseNoiseTestConditions
Carrier Frequency: 500 MHz
Power Output: +23 dBm
Temperature: 25 ºC
Agilent ES5500 System
Gain (dB)
Reverse Isolation (dB)
Phase Noise (dBc/Hz)
1 dB Comp. (dBm)
Noise Figure (dB)
Input VSWR
Output VSWR
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
======================================================================================
5
100
200
300
400
500
.23
.13
.40
.58
.10
.20
-41
80
24
-31
-91
-137
5.86
5.46
5.51
5.50
5.53
5.45
-163
159
137
114
90
64
.08
.11
.12
.14
.15
.17
19
3
3
2
-1
-9
.27
.05
.04
.04
.08
.17
86
23
23
45
71
66


Similar Part No. - TM6012PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM6012 APITECH-TM6012 Datasheet
42Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM6012PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com