Electronic Components Datasheet Search
  English  ▼

X  

TM5834PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM5834PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM5834PM Datasheet(HTML) 1 Page - API Technologies Corp

  TM5834PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Poin ........ +58 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +52 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +40 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
m A
135
145 Max.
RF AMPLIFIER
MODEL
TM5834PM
Available as:
TM5834PM, 4 Pin TO-8 (T4)
TN5834PM, 4 Pin Surface Mount (SM3)
BX5834PM, Connectorized Housing (H1)
Features
!
!
!
!
! Superior Phase Noise Performance
!
!
!
!
! High Gain: 19.7 dB Typical
!
!
!
!
! High Power: +27.5 dB Typical
!
!
!
!
!
Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 100 MHz
10 - 100 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
<3.5
4.5 Max.
VSWR
In
1.7:1
2.0:1 Max.
Out
1.3:1
2.0:1 Max.
Reverse
Isolation (dB)
-25
-24 Max.
Power @ 1 dB
Comp. (dBm)
+27.5
+26 Min.
Gain (dB)
19.7+/-0.5
18.7 Min./20.7 Max.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +18 dBm
Short Term RF Input Power ........... 100 mW (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Guaranteed Phase Noise Performance (dBc/Hz)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
162
172
176
176
176
158
168
172
172
172
Guarantee (min.)
*
3/31/04
======================================================================================
5
1 0
2 0
5 0
7 5
1 00
1 50
.2 1
.1 6
.1 6
.1 9
.2 1
.2 4
.3 2
-5 4
-2 9
-2 7
-5 0
-7 2
-9 1
-126
8.79
9.89
10.1 2
10.11
10.0 0
9.84
9.26
-1 2 7
-1 5 7
-1 7 5
164
151
139
11 6
.0 4
.0 5
.0 5
.0 5
.0 5
.0 5
.0 6
-124
-157
-178
160
145
132
108
.3 4
.1 4
.0 9
.0 9
.0 9
.0 9
.0 6
72
40
26
18
12
5
-6
Lin ear S -P a r a m e te rs
MH z
Freq .
Ma g
D e g
M a g
De g
M a g
De g
Ma g
D e g
--- -S 11 -- --
--- -S 2 1 -- --
- --- S 1 2 --- -
----S 2 2 ----
Residual PhaseNoiseTestConditions:
Carrier Frequency: 70MHz
Power Output: +27.5 dBm
Temperature: 25ºC
AgilentES5500 System
2.0
1.5
1.0
2.0
1.5
1.0
1
5
4
3
2
22
20
18
+29
+28
+27
+26
+25
-10
- 20
- 30
- 40
Start 10 MHz
Stop 100 MHz
Start 10 MHz
Stop 100 MHz
Start 10 MHz
Stop 100 MHz
Start 10 MHz
Stop 100 MHz
Start 10 MHz
Stop 100 MHz
Start 10 MHz
Stop 100 MHz
21
19
0
*
!
!
!
!
100
10k
1k
100k
-140
-160
-170
-180
-190
-130
_______Guarantee __ __ __ Typical
-150
Gain (dB)
Reverse Isolation (dB)
Residual Phase Noise (dBc/Hz)
1 dB Comp. (dBm)
Noise Figure (dB)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TM5834PM

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM5834 SPECTRUM-TM5834 Datasheet
39Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM5834PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com